Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BW-S30W5 Datasheet(PDF) 1 Page - Mini-Circuits

Part # BW-S30W5
Description  Precision Fixed Attenuator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BW-S30W5 Datasheet(HTML) 1 Page - Mini-Circuits

  BW-S30W5 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Typical Performance Data
Electrical Specifications
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C**
Outline Drawing
Outline Dimensions (
)
BW-S30W5+
ATTENUATION
29.0
29.4
29.8
30.2
30.6
31.0
0
3000
6000
9000 12000 15000 18000
FREQUENCY (MHz)
inch
mm
BW-S30W5+
50Ω
5W
30dB
DC to 18000 MHz
Precision Fixed Attenuator
REV. E
M151107
EA-8723
BW-S30W5+
150623
Page 1 of 1
Coaxial
B
D
E
wt
.61
1.20
.312
grams
15.49
30.48
7.92
9.1
BW-S30W5+
VSWR
1.00
1.04
1.08
1.12
1.16
1.20
0
3000
6000
9000 12000 15000 18000
FREQUENCY (MHz)
1. At 25°C, accuracy includes frequency and power variations. Temperature coefficient for attenuation: .0004dB/dB/°C typ.
2. VSWR from 12.4 to 18 GHz, 1.6:1 typ.
3. Average power at 25°C ambient, derate linearly to 2W at 100°C. Peak Power 125W max. 5µsec pulse width, 100 Hz PRF.
Features
• DC to 18000 MHz
• precise attenuation
• excellent VSWR, 1.20 typ.
• stainless steel SMA male and female connectors
Applications
• matching
• instrumentation
• test set-ups
FREQ.
RANGE
(MHz)
ATTENUATION1
(dB)
VSWR2
(:1)
MAX.
INPUT
POWER3
DC-4
GHz
4-8
GHz
8-12.4
GHz
(W)
f
L--fU
Nom.
ACCURACY
Max.
Max.
Max.
DC-18000
30
±0.85
1.20
1.25
1.30
5
Frequency
(MHz)
Attenuation
(dB)
VSWR
(:1)
100
30.02
1.00
2000
30.03
1.02
4000
29.96
1.02
6000
30.02
1.09
8000
29.89
1.06
10000
29.85
1.04
12000
29.87
1.13
14000
29.74
1.10
16000
29.68
1.11
18000
29.59
1.05
Electrical Schematic
FEMALE
MALE
R1
R2
R3
**With mated connectors. Unmated, 85°C max.
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: DC737
Connectors
Model
SMA Female-SMA Male
BW-S30W5+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - BW-S30W5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BW-S30W2 MINI-BW-S30W2 Datasheet
186Kb / 1P
   Precision Fixed Attenuator
BW-S30W2++ MINI-BW-S30W2+ Datasheet
260Kb / 1P
   FIXED ATTENUATORS
BW-S30W20 MINI-BW-S30W20 Datasheet
198Kb / 1P
   Precision Fixed Attenuator
More results

Similar Description - BW-S30W5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BW-E20-1W653 MINI-BW-E20-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-K20-2W44 MINI-BW-K20-2W44 Datasheet
182Kb / 2P
   Precision Fixed Attenuator
BW-E6-1W653 MINI-BW-E6-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-E10-1W653 MINI-BW-E10-1W653 Datasheet
175Kb / 2P
   Precision Fixed Attenuator
BW-S8W2 MINI-BW-S8W2 Datasheet
186Kb / 1P
   Precision Fixed Attenuator
BW-S50W2 MINI-BW-S50W2 Datasheet
174Kb / 1P
   Precision Fixed Attenuator
BW-S15W5 MINI-BW-S15W5 Datasheet
205Kb / 1P
   Precision Fixed Attenuator
BW-N10W5 MINI-BW-N10W5 Datasheet
196Kb / 1P
   Precision Fixed Attenuator
BW-K5-2W44 MINI-BW-K5-2W44 Datasheet
201Kb / 2P
   Precision Fixed Attenuator
BW-E30-1W653 MINI-BW-E30-1W653 Datasheet
178Kb / 2P
   Precision Fixed Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com