Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATWILC1000B-MUT Datasheet(PDF) 20 Page - ATMEL Corporation

Part # ATWILC1000B-MUT
Description  IEEE 802.11 b/g/n Link Controller SoC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC1000B-MUT Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button ATWILC1000B-MUT Datasheet HTML 16Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 17Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 18Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 19Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 20Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 21Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 22Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 23Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
ATWILC1000B-MUT [DATASHEET]
Atmel-42491B-ATWILC1000B-MUT_Datasheet_03/2016
2
0
20
8
External Interfaces
ATWILC1000B external interfaces include:
I2C Slave for control
SPI Slave and SDIO Slave for control and data transfer
SPI Master for external Flash
I2C Master for external EEPROM
Two UARTs for debug, control, and data transfer
General Purpose Input/Output (GPIO) pins
Wi-Fi/Bluetooth coexistence interface
With the exception of the SPI Slave and SDIO Slave host interfaces, which are selected using the dedicated
SDIO_SPI_CFG pin, the other interfaces can be assigned to various pins by programming the corresponding
pin MUXing control register for each pin to a specific value between 0 and 6.The default values of these
registers are 0, which is GPIO mode. The summary of the available interfaces and their corresponding pin
MUX settings is shown in Table 8-1. For specific programming instructions, refer to ATWILC1000B
Programming Guide.
Table 8-1.
Pin-MUX Matrix of External Interfaces
8.1
I2C Slave Interface
The I2C Slave interface, used primarily for control by the host processor, is a two-wire serial interface
consisting of a serial data line (SDA, Pin 33) and a serial clock (SCL, Pin 32). It responds to the seven bit
address value 0x60. The ATWILC1000B I2C supports I2C bus Version 2.1 - 2000 and can operate in standard
mode (with data rates up to 100Kb/s) and fast mode (with data rates up to 400Kb/s).
The I2C Slave is a synchronous serial interface. The SDA line is a bidirectional signal and changes only while
the SCL line is low, except for STOP, START, and RESTART conditions. The output drivers are open-drain to
perform wire-AND functions on the bus. The maximum number of devices on the bus is limited by only the
maximum capacitance specification of 400pF. Data is transmitted in byte packages.
For specific information, refer to the Philips Specification entitled “The I2C -Bus Specification, Version 2.1”.
The I2C Slave timing is provided in Figure 8-1 and Table 8-2.


Similar Part No. - ATWILC1000B-MUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWILC1000-SD ATMEL-ATWILC1000-SD Datasheet
2Mb / 11P
   Atmel SmartConnect
More results

Similar Description - ATWILC1000B-MUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
Cypress Semiconductor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com