Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATWILC1000B-MUT Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATWILC1000B-MUT
Description  IEEE 802.11 b/g/n Link Controller SoC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC1000B-MUT Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATWILC1000B-MUT Datasheet HTML 21Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 22Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 23Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 24Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 25Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 26Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 27Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 28Page - ATMEL Corporation ATWILC1000B-MUT Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
ATWILC1000B-MUT [DATASHEET]
Atmel-42491B-ATWILC1000B-MUT_Datasheet_03/2016
2
5
25
Table 8-7.
SPI Master Interface Pin Mapping
Pin #
Pin Name
SPI Function
28
GPIO3
SCK: Serial Clock Output
29
GPIO4
SCK: Active Low Slave Select Output
30
GPIO5
TXD: Serial Data Transmit Output (MOSI)
31
GPIO6
RXD: Serial Data Receive Input (MISO)
The SPI Master timing is provided in Figure 8-4 and Table 8-8.
Figure 8-4.
SPI Master Timing Diagram
fSCK
tWH
tLH
tHL
tWL
tODLY
tISU
tIHD
SCK
SSN,
TXD
RXD
Table 8-8.
SPI Master Timing Parameters
Parameter
Symbol
Min.
Max.
Units
Clock Output Frequency
fSCK
48
MHz
Clock Low Pulse Width
tWL
5
ns
Clock High Pulse Width
tWH
5
Clock Rise Time
tLH
5
Clock Fall Time
tHL
5
Input Setup Time
tISU
5
Input Hold Time
tIHD
5
Output Delay
tODLY
0
5
8.5
SDIO Slave Interface
The ATWILC1000B SDIO Slave is a full speed interface. The interface supports the 1-bit/4-bit SD transfer
mode at the clock range of 0-50MHz. The Host can use this interface to read and write from any register within
the chip as well as configure the ATWILC1000B for data DMA. To use this interface, pin 9 (SDIO_SPI_CFG)
must be grounded. The SDIO Slave pins are mapped as shown in Table 8-9.


Similar Part No. - ATWILC1000B-MUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATWILC1000 ATMEL-ATWILC1000 Datasheet
2Mb / 45P
   ATWILC1000 Programming Guide
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWILC1000-SD ATMEL-ATWILC1000-SD Datasheet
2Mb / 11P
   Atmel SmartConnect
More results

Similar Description - ATWILC1000B-MUT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
   Single Chip IEEE 802.11 b/g/n Link Controller SOC
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
ATMEL Corporation
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
ATWILC3000 ATMEL-ATWILC3000 Datasheet
1Mb / 40P
   Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
logo
Microchip Technology
ATWILC3000-MR110CA MICROCHIP-ATWILC3000-MR110CA Datasheet
3Mb / 64P
   IEEE 802.11 b/g/n Link Controller Module with Integrated Bluetooth짰 4.0
2017
ATWILC3000A MICROCHIP-ATWILC3000A Datasheet
1Mb / 56P
   Single Chip IEEE 802.11 b/g/n Link Controller with Integrated Bluetooth짰 5.0
2015-2021
logo
Cypress Semiconductor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com