Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATZB-RF-233-1-C Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATZB-RF-233-1-C
Description  ZIGBIT 2.4GHZ WIRELESS MODULES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATZB-RF-233-1-C Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATZB-RF-233-1-C Datasheet HTML 7Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 8Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 9Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 10Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 11Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 12Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 13Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 14Page - ATMEL Corporation ATZB-RF-233-1-C Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ATZB-RF-233-1-C ZigBit 2.4GHz Wireless Modules [DATASHEET]
42192C
−WIRELESS−08/2015
11
Pin Out
Pin
descriptions
Function
36
SCL
TWI- EEPROM
37
SDA
TWI- EEPROM
38
FEM_CPS
Front end module select for RF_TX_RX
39
CLKM
Master Clock out put
40
IRQ
Interrupt request signal output
41
DVSS
Digital Ground
42
DVSS
Digital Ground
3.4
Antenna Orientation Recommendation
The Antenna in this module is designed to provide the best possible LoS range in the direction indicated in this
illustration.
3.5
Mounting Information
The Figure below shows the PCB layout recommended for a ZigBit module. Neither via-holes nor wires are allowed on
the PCB upper layer in the area occupied by the module. As a critical requirement, RF_GND pins should be grounded
via several via-holes to be located right next to the pins thus minimizing inductance and preventing both mismatch and
losses.


Similar Part No. - ATZB-RF-233-1-C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
More results

Similar Description - ATZB-RF-233-1-C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATZB-X0-256-3-0-C ATMEL-ATZB-X0-256-3-0-C_14 Datasheet
1Mb / 28P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-B0 ATMEL-ATZB-24-B0_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-A24-UFLB ATMEL-ATZB-A24-UFLB_14 Datasheet
3Mb / 22P
   ZIGBIT 2.4GHZ AMPLIFIED WIRELESS
ATZB-X0-256-4-0-CN ATMEL-ATZB-X0-256-4-0-CN_14 Datasheet
1Mb / 26P
   ZIGBIT 900MHZ WIRELESS MODULES
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C Datasheet
1Mb / 27P
   ZigBit 2.4GHz Single chip Wireless Module
ATZB-S1-256-3-0-U ATMEL-ATZB-S1-256-3-0-U_14 Datasheet
971Kb / 25P
   ZigBit 2.4GHz Single Chip Wireless Module
ATZB-RF-212B-0-CN ATMEL-ATZB-RF-212B-0-CN_14 Datasheet
794Kb / 23P
   ZIGBIT 900MHZ WIRELESS MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com