Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2794B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # U2794B
Description  Supply Voltage 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2794B Datasheet(HTML) 3 Page - ATMEL Corporation

  U2794B_05 Datasheet HTML 1Page - ATMEL Corporation U2794B_05 Datasheet HTML 2Page - ATMEL Corporation U2794B_05 Datasheet HTML 3Page - ATMEL Corporation U2794B_05 Datasheet HTML 4Page - ATMEL Corporation U2794B_05 Datasheet HTML 5Page - ATMEL Corporation U2794B_05 Datasheet HTML 6Page - ATMEL Corporation U2794B_05 Datasheet HTML 7Page - ATMEL Corporation U2794B_05 Datasheet HTML 8Page - ATMEL Corporation U2794B_05 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
4653D–CELL–11/05
U2794B
Table 2-1.
Pin Description
Pin
Symbol
Function
1IX
IX output
2
I
I output
3
II
II lowpass filter I
4
IIX
IIX lowpass filter I
5VS
Supply voltage
6VS
Supply voltage
7RFin
RF input
8RFXin
RFX input
9
QQ
QQ lowpass filter Q
10
QQX
QQX lowpass filter Q
11
GC
GC gain control
12
PCX
PCX phase control
13
PC
PC phase control
14
PU
PU power up
15
LOXin
LOX input
16
GND
Ground
17
LOin
LO input
18
GND
Ground
19
Q
Q output
20
QX
QX output


Similar Part No. - U2794B_05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2794B ATMEL-U2794B_08 Datasheet
923Kb / 15P
   1000-MHz Quadrature Demodulator
More results

Similar Description - U2794B_05

ManufacturerPart #DatasheetDescription
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X763 VACUUMSCHMELZE-T60404-N4646-X763 Datasheet
140Kb / 4P
   6A Current Sensor for 5V- Supply Voltage
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
   Wide supply voltage range: 2.4V to 5V
logo
RF Micro Devices
RFCA1008 RFMD-RFCA1008 Datasheet
935Kb / 23P
   5V Single Supply
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4646-X932 VACUUMSCHMELZE-T60404-N4646-X932 Datasheet
253Kb / 4P
   300mA Differential Current Sensor for 5V Supply Voltage
T60404-N4646-X661 VACUUMSCHMELZE-T60404-N4646-X661 Datasheet
143Kb / 4P
   25 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X764 VACUUMSCHMELZE-T60404-N4646-X764 Datasheet
142Kb / 5P
   50 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X664 VACUUMSCHMELZE-T60404-N4646-X664 Datasheet
141Kb / 4P
   50 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X762 VACUUMSCHMELZE-T60404-N4646-X762 Datasheet
142Kb / 4P
   15 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X663 VACUUMSCHMELZE-T60404-N4646-X663 Datasheet
143Kb / 4P
   6 A Current Sensor for 5V- Supply Voltage
T60404-N4646-X460 VACUUMSCHMELZE-T60404-N4646-X460 Datasheet
144Kb / 4P
   50 A Current Sensor for 5V- Supply Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com