Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U3280M Datasheet(PDF) 3 Page - ATMEL Corporation

Part # U3280M
Description  Transponder Interface for Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U3280M Datasheet(HTML) 3 Page - ATMEL Corporation

  U3280M_11 Datasheet HTML 1Page - ATMEL Corporation U3280M_11 Datasheet HTML 2Page - ATMEL Corporation U3280M_11 Datasheet HTML 3Page - ATMEL Corporation U3280M_11 Datasheet HTML 4Page - ATMEL Corporation U3280M_11 Datasheet HTML 5Page - ATMEL Corporation U3280M_11 Datasheet HTML 6Page - ATMEL Corporation U3280M_11 Datasheet HTML 7Page - ATMEL Corporation U3280M_11 Datasheet HTML 8Page - ATMEL Corporation U3280M_11 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Atmel U3280M [DATASHEET]
4688E–RFID–05/13
2.
Pin Configuration
Figure 2-1. Pinning
1
2
3
4
5
6
7
8
Coil 2
Coil 1
NC
NC
NC
NC
NGAP
MOD
16
15
14
13
12
11
10
9
VBatt
VDD
SCL
NRST
SDA
VSS
NC
FC
Table 2-1.
Pin Description
Pin
Symbol
Function
1
VBatt
Power supply voltage input to connect a battery
2
VDD
Power supply voltage for the microcontroller and EEPROM. At this pin a buffer capacitor (0.5 to 10µF)
must be connected to buffer the voltage during field supply and to block the VDD of the microcontroller.
3
SCL
Serial clock line
4
NRST
Reset line bi-directional
5
SDA
Serial data line
6
VSS
Circuit ground
7
NC
Not connected
8
FC
Field clock output of the front-end clock extractor
9
MOD
Modulation input
10
NGAP
Gap and field detect output
11
NC
Not connected
12
NC
Not connected
13
NC
Not connected
14
NC
Not connected
15
Coil 1
Coil input 1. Use pin to connect a resonant circuitry for communication and field supply
16
Coil 2
Coil input 2. Use pin to connect a resonant circuitry for communication and field supply


Similar Part No. - U3280M_11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3280M-NFBG3Y ATMEL-U3280M-NFBG3Y Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M-NFBY ATMEL-U3280M-NFBY Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
More results

Similar Description - U3280M_11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U3280M ATMEL-U3280M_07 Datasheet
349Kb / 21P
   Transponder Interface for Microcontroller
U3280M ATMEL-U3280M Datasheet
275Kb / 18P
   TRANSPONDER INTERFACE FOR MICROCONTROLLER
U9280M-H ATMEL-U9280M-H_05 Datasheet
444Kb / 24P
   Microcontroller with Transponder Interface
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
logo
ATMEL Corporation
U9280M-H ATMEL-U9280M-H Datasheet
417Kb / 23P
   MICROCONTROLER WITH TRANSPONDER INTERFACE
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
RF430CL331H TI1-RF430CL331H Datasheet
799Kb / 60P
[Old version datasheet]   NFC Type 4B Dynamic Dual Interface Transponder
logo
TOKO, Inc
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
   Transponder Coils for Surface Mounting
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
   Transponder Coils for Surface Mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com