Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS-2806CKR-P Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTS-2806CKR-P
Description  LED Display
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-2806CKR-P Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTS-2806CKR-P Datasheet HTML 3Page - Lite-On Technology Corporation LTS-2806CKR-P Datasheet HTML 4Page - Lite-On Technology Corporation LTS-2806CKR-P Datasheet HTML 5Page - Lite-On Technology Corporation LTS-2806CKR-P Datasheet HTML 6Page - Lite-On Technology Corporation LTS-2806CKR-P Datasheet HTML 7Page - Lite-On Technology Corporation LTS-2806CKR-P Datasheet HTML 8Page - Lite-On Technology Corporation LTS-2806CKR-P Datasheet HTML 9Page - Lite-On Technology Corporation LTS-2806CKR-P Datasheet HTML 10Page - Lite-On Technology Corporation LTS-2806CKR-P Datasheet HTML 11Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6/12 PartNo.:LTS-2806CKR-P
BNS-OD-FC002/A4
LED DISPLAY
LTS-2806CKR-P
5. Rating and Characteristics
5.1. Absolute Maximum Rating at Ta=25°C
Parameter
Maximum Rating
Unit
Power Dissipation Per Segment
70
mW
Peak Forward Current Per Segment
( 1/10 Duty Cycle, 0.1ms Pulse Width )
60
mA
Continuous Forward Current Per Segment
Derating Linear From 25°C Per Segment
25
0.28
mA
mA/°C
Operating Temperature Range
-35°C to +105°C
Storage Temperature Range
-35°C to +105°C
Iron Soldering Conditions: 1/16 inch Below Seating Plane for 3 Seconds at 260°C
5.2.Electrical / Optical Characteristics at Ta=25°C
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Test Condition
Average Luminous Intensity Per Segment
IV
201
650
cd
IF=1mA
8250
cd
IF=10mA
Peak Emission Wavelength
p
639
nm
IF=20mA
Spectral Line Half-Width

20
nm
IF=20mA
Dominant Wavelength
d
631
nm
IF=20mA
Forward Voltage Per Chip
VF
2.05
2.6
V
IF=20mA
Reverse Current Per Segment
(2)
IR
100
A
VR=5V
Luminous Intensity Matching Ratio
(Similar Light Area)
IV-m
2:1
IF=1mA
Notes :
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (Commission
International De
L’Eclariage) eye-response curve
2. Reverse voltage is only for IR test. It cannot continue to operate at this situation
3. Cross talk specification ≦ 2.5%


Similar Part No. - LTS-2806CKR-P

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-2806SKG-P LITEON-LTS-2806SKG-P Datasheet
424Kb / 11P
   LED Display
More results

Similar Description - LTS-2806CKR-P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLG346S TOSHIBA-TLG346S Datasheet
259Kb / 6P
   LED DISPLAY
logo
SHENZHEN YONGERJIA INDU...
WEJS0402RG2-1 WINNERJOIN-WEJS0402RG2-1 Datasheet
249Kb / 1P
   LED display
WEJS43 WINNERJOIN-WEJS43 Datasheet
246Kb / 1P
   LED display
logo
Lite-On Technology Corp...
LTP-3363CKR-P LITEON-LTP-3363CKR-P Datasheet
216Kb / 10P
   LED DISPLAY
LTS-4817CTB-P LITEON-LTS-4817CTB-P Datasheet
525Kb / 12P
   LED Display
LTS-5325CTB-P LITEON-LTS-5325CTB-P Datasheet
522Kb / 11P
   LED Display
LTC-4724JS LITEON-LTC-4724JS Datasheet
363Kb / 6P
   LED Display
LTC-4727JR LITEON-LTC-4727JR Datasheet
375Kb / 6P
   LED Display
LTD-5633C LITEON-LTD-5633C Datasheet
494Kb / 7P
   LED Display
LTD-6950HR LITEON-LTD-6950HR Datasheet
357Kb / 6P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com