Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86ZD4A-1.8TE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT93C86ZD4A-1.8TE13
Description  16K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86ZD4A-1.8TE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

  CAT93C86ZD4A-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C86ZD4A-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C86ZD4A-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C86ZD4A-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C86ZD4A-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86ZD4A-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86ZD4A-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86ZD4A-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86ZD4A-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
CAT93C86
Doc. No. 1091, Rev. M
Erase
Upon receiving an ERASE command and address, the
CS (Chip Select) pin must be deasserted for a minimum
of tCSMIN. The falling edge of CS will start the self clocking
clear cycle of the selected memory location. The clocking
of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of
the CAT93C86 can be determined by selecting the
device and polling the DO pin. Once cleared, the content
of a cleared location returns to a logical “1” state.
Erase/Write Enable and Disable
The CAT93C86 powers up in the write disable state. Any
writing after power-up or after an EWDS (write disable)
instruction must first be preceded by the EWEN (write
enable) instruction. Once the write instruction is enabled,
it will remain enabled until power to the device is removed,
or the EWDS instruction is sent. The EWDS instruction
can be used to disable all CAT93C86 write and clear
instructions, and will prevent any accidental writing or
clearing of the device. Data can be read normally from
the device regardless of the write enable/disable status.
Erase All
Upon receiving an ERAL command, the CS (Chip Select)
pin must be deselected for a minimum of tCSMIN. The
falling edge of CS will start the self clocking clear cycle
of all memory locations in the device. The clocking of the
SK pin is not necessary after the device has entered the
self clocking mode. The ready/busy status of the
CAT93C86 can be determined by selecting the device
and polling the DO pin. Once cleared, the contents of all
memory bits return to a logical “1” state.
Write All
Upon receiving a WRAL command and data, the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
data write to all memory locations in the device. The
clocking of the SK pin is not necessary after the device
has entered the self clocking mode. The ready/busy
status of the CAT93C86 can be determined by selecting
the device and polling the DO pin. It is not necessary for
all memory locations to be cleared before the WRAL
command is executed.
Figure 4. Erase Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH-Z
HIGH-Z
1
AN
AN-1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
tCS
11
A0


Similar Part No. - CAT93C86ZD4A-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86ZD4A-1.8T2 CATALYST-CAT93C86ZD4A-1.8T2 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86ZD4A-1.8T3 CATALYST-CAT93C86ZD4A-1.8T3 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C86ZD4A-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com