Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2G157A Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74LV2G157A
Description  2-channel Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74LV2G157A Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HD74LV2G157A Datasheet HTML 3Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 4Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 5Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 6Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 7Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 8Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 9Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 10Page - Hitachi Semiconductor HD74LV2G157A Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74LV2G157A
Rev.2, Jul. 2001, page 7 of 11
Switching Characteristics
• V
CC = 1.8 ± 0.15 V
Item
Symbol
T
a = 25°C
T
a = –40 to 85°C
Unit Test
FROM
TO
Min
Typ
Max
Min
Max
Conditions (Input)
(Output)
Propagation
t
PLH
18.5
31.5
1.0
35.0
ns
C
L = 15 pF
A or B
Y
delay time
t
PHL
25.5
41.0
1.0
44.5
C
L = 50 pF
24.0
35.0
1.0
39.0
ns
C
L = 15 pF
SEL
Y
27.0
44.0
1.0
48.0
C
L = 50 pF
22.5
31.5
1.0
36.0
ns
C
L = 15 pF
STB
Y
24.5
41.0
1.0
45.0
C
L = 50 pF
• V
CC = 2.5 ± 0.2 V
Item
Symbol
T
a = 25°C
T
a = –40 to 85°C
Unit Test
FROM
TO
Min
Typ
Max
Min
Max
Conditions (Input)
(Output)
Propagation
t
PLH
9.8
15.9
1.0
19.5
ns
C
L = 15 pF
A or B
Y
delay time
t
PHL
13.3
18.8
1.0
22.0
C
L = 50 pF
15.5
19.4
1.0
23.5
ns
C
L = 15 pF
SEL
Y
15.7
22.3
1.0
26.0
C
L = 50 pF
15.8
19.8
1.0
24.0
ns
C
L = 15 pF
STB
Y
14.8
22.7
1.0
26.5
C
L = 50 pF
• V
CC = 3.3 ± 0.3 V
Item
Symbol
T
a = 25°C
T
a = –40 to 85°C
Unit Test
FROM
TO
Min
Typ
Max
Min
Max
Conditions (Input)
(Output)
Propagation
t
PLH
6.2
9.7
1.0
11.5
ns
C
L = 15 pF
A or B
Y
delay time
t
PHL
8.7
13.2
1.0
15.0
C
L = 50 pF
8.4
13.2
1.0
15.5
ns
C
L = 15 pF
SEL
Y
10.9
16.7
1.0
19.0
C
L = 50 pF
8.7
13.6
1.0
16.0
ns
C
L = 15 pF
STB
Y
11.2
17.1
1.0
19.5
C
L = 50 pF


Similar Part No. - HD74LV2G157A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G157A RENESAS-HD74LV2G157A Datasheet
95Kb / 11P
   2-channel Multiplexer
HD74LV2G157AUSE RENESAS-HD74LV2G157AUSE Datasheet
95Kb / 11P
   2-channel Multiplexer
HD74LV2G157A RENESAS-HD74LV2G157A_15 Datasheet
120Kb / 13P
   2?밹hannel Multiplexer
More results

Similar Description - HD74LV2G157A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
   2-CHANNEL MULTIPLEXER
logo
Renesas Technology Corp
HD74ALVC2G157 RENESAS-HD74ALVC2G157_15 Datasheet
120Kb / 13P
   2-channel Multiplexer
logo
Toshiba Semiconductor
TC7WH157FK TOSHIBA-TC7WH157FK_09 Datasheet
182Kb / 7P
   2-Channel Multiplexer
logo
Renesas Technology Corp
HD74LV2G157A RENESAS-HD74LV2G157A Datasheet
95Kb / 11P
   2-channel Multiplexer
HD74ALVC2G157 RENESAS-HD74ALVC2G157 Datasheet
96Kb / 11P
   2-channel Multiplexer
Rev.4.00, Dec.18.2003,
logo
NXP Semiconductors
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
   2-channel I2C multiplexer
2004 Sep 29
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
NXP Semiconductors
PCA9540 PHILIPS-PCA9540 Datasheet
110Kb / 10P
   2-channel I2C multiplexer
1999 Dec 15
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com