Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA712064COB Datasheet(PDF) 4 Page - Sames

Part # SA712064COB
Description  128 Bit Read-only Biphase Coded Transponder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA712064COB Datasheet(HTML) 4 Page - Sames

  SA712064COB Datasheet HTML 1Page - Sames SA712064COB Datasheet HTML 2Page - Sames SA712064COB Datasheet HTML 3Page - Sames SA712064COB Datasheet HTML 4Page - Sames SA712064COB Datasheet HTML 5Page - Sames SA712064COB Datasheet HTML 6Page - Sames SA712064COB Datasheet HTML 7Page - Sames SA712064COB Datasheet HTML 8Page - Sames SA712064COB Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
http://www.sames.co.za
SA7120A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
NOTE
Supply Voltage
VDD
-0.3
9.4
V
1,2,3,4,5
ESD protection C= 100pF R = 1.5Kohm ,
Human body model. MIL-STD-883C method
3015
Vpesd
-
TBD
V
3,8
Peak voltage across COIL1 or COIL2 to VSS
VCOIL1,2 - VSS
-10
+10
V
3,6
Peak current through COIL 1,2
ICOIL1,2
-30
+30
mA
3,7
Storage temperature
Tst
-55
+125
oC
3
Note 1:
Duration not to exceed 10 seconds, and no logic switching.
Note 2:
Referenced to Vss
Note 3:
Stresses above those listed under “ absolute maximum ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operating conditions section of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect the device reliability.
Note 4:
VDD level when absolute maximum current goes through coil inputs.
Note 5:
VDD level when absolute maximum voltage is across coil inputs.
Note 6:
Maximum peak voltage at COIL1 or COIL2 of incoming RF signal with VSS as reference. Clamping by front end
protection circuitry.
Note 7:
Maximum allowed peak current of incoming RF signal.
Note 8:
TBD - To be determined.
HANDLING PROCEDURES
Although the device has built-in ESD protection, adherence to anti-static procedures for CMOS devices is required.
ELECTRICAL CHARACTERISTICS
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Dynamic current
IDD
3
6
µA
VDD = 3V
Static current
IDDS
1
µA
VDD = 3V, clock stopped, COIL1 &
COIL2 shorted to VSS
Voltage when power-on reset
comes out of reset
VPOR
1.2
1.6
2
V
During power-up VDD – VSS rising
Histereses on power-on rest
VPORH
200
-
600
mV
Between coming out of reset and
going back into reset
Data retention
TDR
10
-
-
years
programmed
Supply voltage
VDD
2
-
5.5 1)
V
At specified current at COIL1 or
COIL2,
Operating temperature
Top
-40
+70
oC
Note: 1) maximum voltage is defined when forcing 10 mA on the coil inputs.
4/10


Similar Part No. - SA712064COB

ManufacturerPart #DatasheetDescription
logo
Sames
SA712132COB SAMES-SA712132COB Datasheet
119Kb / 10P
   128 Bit Read-only Manchester Coded
SA712132IC SAMES-SA712132IC Datasheet
119Kb / 10P
   128 Bit Read-only Manchester Coded
SA712164COB SAMES-SA712164COB Datasheet
119Kb / 10P
   128 Bit Read-only Manchester Coded
SA712164IC SAMES-SA712164IC Datasheet
119Kb / 10P
   128 Bit Read-only Manchester Coded
SA7121A SAMES-SA7121A Datasheet
119Kb / 10P
   128 Bit Read-only Manchester Coded
More results

Similar Description - SA712064COB

ManufacturerPart #DatasheetDescription
logo
Sames
SA7121A SAMES-SA7121A Datasheet
119Kb / 10P
   128 Bit Read-only Manchester Coded
logo
ATMEL Corporation
TK5530 ATMEL-TK5530 Datasheet
215Kb / 9P
   READ ONLY TRANSPONDER
E5530 ATMEL-E5530 Datasheet
196Kb / 8P
   128-bit Read-only IDIC for RF Identification
logo
EM Microelectronic - MA...
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
   128 bit Read Only Low Frequency Contactless Identification Device
logo
Texas Instruments
TRPGR30ATGC TI1-TRPGR30ATGC Datasheet
161Kb / 8P
[Old version datasheet]   12-mm Low-Frequency Glass-Encapsulated Transponder, Read Only
TRPGR30TGC TI1-TRPGR30TGC Datasheet
131Kb / 4P
[Old version datasheet]   12-mm LOW-FREQUENCY GLASS-ENCAPSULATED TRANSPONDER, READ ONLY
TRPGR30TGC TI-TRPGR30TGC Datasheet
131Kb / 4P
[Old version datasheet]   12-mm LOW-FREQUENCY GLASS-ENCAPSULATED TRANSPONDER, READ ONLY
logo
ATMEL Corporation
TK5552 ATMEL-TK5552 Datasheet
326Kb / 22P
   Read/Write Transponder
logo
List of Unclassifed Man...
MLX90111 ETC1-MLX90111 Datasheet
136Kb / 12P
   128bit Read Write Transponder
logo
Texas Instruments
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com