Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W26010AT-151 Datasheet(PDF) 1 Page - Winbond

Part # W26010AT-151
Description  64K 16 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W26010AT-151 Datasheet(HTML) 1 Page - Winbond

  W26010AT-151 Datasheet HTML 1Page - Winbond W26010AT-151 Datasheet HTML 2Page - Winbond W26010AT-151 Datasheet HTML 3Page - Winbond W26010AT-151 Datasheet HTML 4Page - Winbond W26010AT-151 Datasheet HTML 5Page - Winbond W26010AT-151 Datasheet HTML 6Page - Winbond W26010AT-151 Datasheet HTML 7Page - Winbond W26010AT-151 Datasheet HTML 8Page - Winbond W26010AT-151 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
W26010A
64K
× 16 HIGH-SPEED CMOS STATIC RAM
Publication Release Date: May 2001
- 1 -
Revision A5
GENERAL DESCRIPTION
The W26010A is a high-speed, low-power CMOS static RAM organized as 65,536
× 16 bits that
operates on a single 5-volt power supply. This device is manufactured using Winbond's high
performance CMOS technology.
The W26010A has an active low chip select, separate upper and lower byte selects, and a fast output
enable. No clock or refreshing is required. Separate byte select controls (#LB and #UB) allow individual
bytes to be written and read. #LB controls I/O1-I/O8, the lower byte. #UB controls I/O9
−I/O16, the
upper byte. This device is well suited for use in high-density, high-speed system applications.
FEATURES
High speed access time: 15/20/25 nS (max.)
Low power consumption:
Active: 1.3W (max.)
Single
+5V power supply
Fully static operation
− No clock or refreshing
All inputs and outputs directly TTL compatible
Three-state outputs
Data byte control
− #LB (I/O1−I/O8), #UB (I/O9−I/O16)
Available packages: 44-pin 400 mil SOJ and
Type II TSOP
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A0
A1
A2
A3
A4
#CS
I/O1
I/O2
I/O3
I/O4
VDD
VSS
I/O5
I/O6
I/O7
I/O8
#WE
A5
A6
A7
A8
NC
NC
A9
A10
A11
A12
NC
I/O9
I/O10
I/O11
I/O12
VDD
VSS
I/O13
I/O14
I/O15
I/O16
#LB
#UB
#OE
A13
A14
A15
BLOCK DIAGRAM
A0
.
.
A15
I/O1
I/O16
VDD
VSS
.
.
DATA I/O
DECODER
CONTROL
#UB
#CS
#OE
#WE
#LB
CORE
ARRAY
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0
−A15
Address Inputs
I/O1
−I/O16
Data Inputs/Outputs
#CS
Chip Select Inputs
#WE
Write Enable Input
#OE
Output Enable Input
#LB
Lower Byte Select I/O1
−I/O8
#UB
Upper Byte Select I/O9
−I/O16
VDD
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - W26010AT-151

ManufacturerPart #DatasheetDescription
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020A-20 WINBOND-W26020A-20 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020A-25 WINBOND-W26020A-25 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020AT-20 WINBOND-W26020AT-20 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020AT-25 WINBOND-W26020AT-25 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
More results

Similar Description - W26010AT-151

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com