Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W26010AT-20 Datasheet(PDF) 4 Page - Winbond

Part # W26010AT-20
Description  64K 16 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W26010AT-20 Datasheet(HTML) 4 Page - Winbond

  W26010AT-20 Datasheet HTML 1Page - Winbond W26010AT-20 Datasheet HTML 2Page - Winbond W26010AT-20 Datasheet HTML 3Page - Winbond W26010AT-20 Datasheet HTML 4Page - Winbond W26010AT-20 Datasheet HTML 5Page - Winbond W26010AT-20 Datasheet HTML 6Page - Winbond W26010AT-20 Datasheet HTML 7Page - Winbond W26010AT-20 Datasheet HTML 8Page - Winbond W26010AT-20 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
W26010A
- 4 -
AC Test Loads and Waveform
R1 480 ohm
5V
OUTPUT
R2
255 ohm
5 pF
R2
255 ohm
R1 480 ohm
5V
OUTPUT
30 pF
Including
Jig and
Scope
90%
90%
3 nS
10%
3 nS
10%
3.0V
0V
Including
Jig and
Scope
)
(For T
T
TOLZ, T
TWHZ,TOW
T
CLZ, BLZ,
CHZ,
BHZ, TOHZ,
(VDD = 5V
±10%, VSS = 0V, TA = 0 to 70° C, I for –40 to 85° C)
Read Cycle
PARAMETER
SYM.
W26010A-15
W26010A-20
W26010A-25
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
TRC
15
20
-
25
-
nS
Address Access Time
TAA
15
20
25
nS
Chip Select Access Time
TACS
15
20
25
nS
Output Enable to Output Valid
TAOE
7
10
12
nS
#UB, #LB Access Time
TBA
7
10
12
nS
Output Hold from Address Change
TOH
3
3
3
nS
Chip Select to Output in Low Z
TCLZ*
3
3
3
nS
Chip Deselect to Output in High Z
TCHZ*
7
10
12
nS
Output Enable to Output in Low Z
TOLZ*
0
0
0
nS
Output Disable to Output in High Z
TOHZ*
7
10
12
nS
#UB, #LB Select to Output in Low Z
TBLZ*
0
0
0
nS
#UB, #LB Deselect to Output in High Z
TBHZ*
7
10
12
nS
∗ These parameters are sampled but not 100% tested.


Similar Part No. - W26010AT-20

ManufacturerPart #DatasheetDescription
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020A-20 WINBOND-W26020A-20 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020A-25 WINBOND-W26020A-25 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020AT-20 WINBOND-W26020AT-20 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
W26020AT-25 WINBOND-W26020AT-25 Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
More results

Similar Description - W26010AT-20

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com