Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IHSM-7832 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IHSM-7832
Description  High Current, Surface Mount Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IHSM-7832 Datasheet(HTML) 1 Page - Vishay Siliconix

  IHSM-7832 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.vishay.com
30
IHSM-7832
Vishay Dale
Document Number 34021
Revision 20-Jan-03
For technical questions, contact Magnetics@vishay.com
FEATURES
• Flame retardant encapsulant (UL 94V-0).
• Completely encapsulated winding provides superior
environmental protection and moisture resistance.
• High current unit in surface mount package printed with
model, inductance value and date code.
• Compatible with infrared or conventional reflow soldering
methods.
• Pick and place compatible.
• Tape and reel packaging for automatic handling.
DIMENSIONS in inches [millimeters
3.9
µH
INDUCTANCE
VALUE
IHSM-7832
MODEL
± 15%
INDUCTANCE
TOLERANCE
— Model
— Inductance value
— Date code
PART MARKING
DESCRIPTION
STANDARD ELECTRICAL SPECIFICATIONS
APPLICATIONS
Excellent power line noise filters, filters for switching
regulated power supplies, DC/DC converters, SCR and
Triac controls and RFI suppression.
ELECTRICAL SPECIFICATIONS
Inductance: Measured at 1 volt with no DC current.
Inductance Tolerance:
± 15%.
Incremental Current: The typical current at which the
inductance will be decreased by 5% from its initial zero
DC value.
Operating Temperature: - 55
°C to + 125°C (no load);
- 55
°C to + 85°C (at full rated current).
MATERIAL SPECIFICATIONS
Core: High resistivity ferrite core.
Encapsulant: Epoxy.
Terminals: 60/40 solder coated copper.
0.215
± 0.005
[5.46
± 0.13]
0.840 [21.34]
Max.
0.285
[7.24]
Max.
0.780
± 0.020
[19.81
± 0.51]
0.100
± 0.010
[2.54
± 0.25]
0.320 [8.13]
Max.
IND.
@ 1kHz
(
µH)
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
6800.0
8200.0
10000.0
12000.0
15000.0
18000.0
DCR
MAX.
(Ohms)
0.011
0.012
0.012
0.013
0.014
0.016
0.017
0.02
0.023
0.025
0.028
0.032
0.036
0.04
0.043
0.047
0.054
0.074
0.084
0.095
0.12
0.14
0.16
0.184
0.226
0.305
0.362
0.399
0.536
0.599
0.714
0.819
1.1
1.2
1.58
2.08
2.42
2.68
3.15
4.2
4.62
6.3
7.09
9.14
10.6
11.8
15.8
21.8
24.6
28.4
37.8
44.1
INCREMENTAL
CURRENT
(Amps Approx.)
5.3
4.8
4.4
4.0
3.6
3.2
2.8
2.6
2.4
2.3
2.1
1.9
1.7
1.5
1.4
1.3
1.2
1.1
0.99
0.93
0.87
0.82
0.76
0.72
0.68
0.61
0.54
0.48
0.44
0.4
0.36
0.33
0.31
0.29
0.26
0.23
0.21
0.19
0.17
0.15
0.135
0.12
0.11
0.1
0.09
0.08
0.0775
0.0725
0.07
0.0625
0.055
0.05
RATED
CURRENT
(Max. Amps)
9.0
8.8
8.6
8.5
8.4
8.2
8.1
7.3
6.7
6.0
5.6
5.3
5.0
4.8
4.5
4.2
3.8
3.4
3.0
2.8
2.6
2.4
2.1
1.9
1.7
1.5
1.4
1.3
1.1
0.95
0.86
0.8
0.74
0.68
0.63
0.573
0.51
0.46
0.4
0.34
0.31
0.29
0.27
0.25
0.23
0.21
0.19
0.17
0.16
0.14
0.12
0.11
SAP PART NUMBERING GUIDELINES (INTERNAL)
PRODUCT FAMILY
SIZE
See the end of this data book for conversion tables
INDUCTANCE
VALUE
PACKAGE
CODE
TOL.
I
H
S
M
78
32
R
G
3
R
9
L
High Current, Surface Mount Inductor
1.05 [26.67]
Recommended Pad Layout
0.260 [6.604]
0.260 [6.604]
0.530 [13.462]
0.290
[7.366]
0.290
[7.366]


Similar Part No. - IHSM-7832

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHSM-7832 VISHAY-IHSM-7832 Datasheet
96Kb / 2P
   High Current, Surface Mount Inductor
Revision: 21-Sep-06
IHSM-7832 VISHAY-IHSM-7832 Datasheet
244Kb / 2P
   SMD Magnetics Packaging Methods
Revision: 15-Jan-14
IHSM-7832 VISHAY-IHSM-7832 Datasheet
86Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Sep-13
IHSM-7832 VISHAY-IHSM-7832 Datasheet
68Kb / 2P
   High Current, Surface Mount Inductors - Wirewound Molded
01-Jan-2022
IHSM-7832 VISHAY-IHSM-7832_06 Datasheet
96Kb / 2P
   High Current, Surface Mount Inductor
Revision: 21-Sep-06
More results

Similar Description - IHSM-7832

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IDCP-3020 VISHAY-IDCP-3020 Datasheet
106Kb / 2P
   High Current, Surface Mount Inductor
Revision: 09-Jun-05
IDC-7328 VISHAY-IDC-7328 Datasheet
113Kb / 1P
   High Current, Surface Mount Inductor
Revision 28-Aug-02
IHSM-4825 VISHAY-IHSM-4825_06 Datasheet
88Kb / 2P
   High Current, Surface Mount Inductor
Revision: 10-Aug-06
IDCP-1813 VISHAY-IDCP-1813_05 Datasheet
115Kb / 2P
   High Current, Surface Mount Inductor
Revision: 09-Jun-05
IDC-2512 VISHAY-IDC-2512_05 Datasheet
99Kb / 2P
   High Current, Surface Mount Inductor
Revision: 12-Apr-05
IDCP-2218 VISHAY-IDCP-2218_06 Datasheet
114Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IDCP-3114 VISHAY-IDCP-3114_06 Datasheet
112Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IDCP-3916 VISHAY-IDCP-3916 Datasheet
113Kb / 2P
   High Current, Surface Mount Inductor
Revision: 16-Jan-06
IDCP-2218 VISHAY-IDCP-2218 Datasheet
127Kb / 2P
   High Current, Surface Mount Inductor
Revision 09-Jun-05
IDC-5020 VISHAY-IDC-5020 Datasheet
86Kb / 1P
   High Current, Surface Mount Inductor
Revision: 20-Sep-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com