Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAT-0-D Datasheet(PDF) 4 Page - Mini-Circuits

Part # KAT-0-D
Description  Fixed Attenuator Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KAT-0-D Datasheet(HTML) 4 Page - Mini-Circuits

  KAT-0-D Datasheet HTML 1Page - Mini-Circuits KAT-0-D Datasheet HTML 2Page - Mini-Circuits KAT-0-D Datasheet HTML 3Page - Mini-Circuits KAT-0-D Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fixed Attenuator Die
Page 4 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Data
Data Table
Swept Graphs
S-Parameter (S2P Files)
Case Style
Die
Die Ordering and packaging
information
Quantity, Package
Small, Gel - Pak: 5,10,50,100 KGD*
Medium, Partial wafer: KGD*<5K
Large, Full Wafer
KAT-0-DG+
KAT-0-DP+
KAT-0-DF+
Available upon request contact sales representative
Refer to
AN-60-067
Environmental Ratings
ENV-80
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended
to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s
applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms
and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits
contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder,
please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
D. Mini-Circuits does not warrant the accuracy or completeness of the information, text, graphics and other items
contained within this document and same are provided as an accommodation and on an “As is” basis, with all faults.
E. Purchasers of this part are solely responsible for proper storing, handling, assembly and processing of Known
Good Dice (including, without limitation, proper ESD preventative measures, die preparation, die attach, wire bond
ing and related assembly and test activities), and Mini-Circuits assumes no responsibility therefor or for environmental
effects on Known Good Dice.
F. Mini-Circuits and the Mini-Circuits logo are registered trademarks of Scientific Components Corporation d/b/a Mini-
Circuits. All other third-party trademarks are the property of their respective owners. A reference to any third-party
trademark does not constitute or imply any endorsement, affiliation, sponsorship, or recommendation by any such
third-party of Mini-Circuits or its products.
ESD Rating**
Human Body Model (HBM): Class 2 (Pass 2000V) in accordance with ANSI/ESD STM5.1-2001
Additional Detailed Technical Information
additional information is available on our dash board.
KAT-0-D+
** Tested in industry standard 2x2 mm, 6-lead MCLP package.
*Known Good Dice (“KGD”) means that the dice are taken from PCM good wafer and visually inspected in question have been subjected to Mini-Circuits
while this is not definitive, it does help to provide a higher degree of confidence that dice are capable of meeting typical RF electrical parameters
specified by Mini-Circuits.


Similar Part No. - KAT-0-D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KAT-0 MINI-KAT-0 Datasheet
231Kb / 4P
   Fixed Attenuator
KAT-0++ MINI-KAT-0+ Datasheet
231Kb / 4P
   Fixed Attenuator
More results

Similar Description - KAT-0-D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YAT-1-D MINI-YAT-1-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-2-D MINI-YAT-2-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-20-D MINI-YAT-20-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-2-D MINI-KAT-2-D Datasheet
262Kb / 4P
   Fixed Attenuator Die
KAT-8-D MINI-KAT-8-D Datasheet
267Kb / 4P
   Fixed Attenuator Die
YAT-5-D MINI-YAT-5-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-6-D MINI-KAT-6-D Datasheet
283Kb / 4P
   Fixed Attenuator Die
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-0-D MINI-YAT-0-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-9-D MINI-YAT-9-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com