Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP150N Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # IRFP150N
Description  44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFP150N Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button IRFP150N Datasheet HTML 2Page - Fairchild Semiconductor IRFP150N Datasheet HTML 3Page - Fairchild Semiconductor IRFP150N Datasheet HTML 4Page - Fairchild Semiconductor IRFP150N Datasheet HTML 5Page - Fairchild Semiconductor IRFP150N Datasheet HTML 6Page - Fairchild Semiconductor IRFP150N Datasheet HTML 7Page - Fairchild Semiconductor IRFP150N Datasheet HTML 8Page - Fairchild Semiconductor IRFP150N Datasheet HTML 9Page - Fairchild Semiconductor IRFP150N Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
IRFP150N Rev. B
SABER Electrical Model
REV 15 Jan 2000
template IRFP150N n2,n1,n3
electrical n2,n1,n3
{
var i iscl
d..model dbodymod = (is = 1.30e-12, cjo = 1.90e-9, tt = 6.5e-8, xti = 5, m = 0.55)
d..model dbreakmod = ()
d..model dplcapmod = (cjo = 2.20e-9, is = 1e-30, vj=1.0, m = 0.83)
m..model mmedmod = (type=_n, vto = 3.21, kp = 5, is = 1e-30, tox = 1)
m..model mstrongmod = (type=_n, vto = 3.58, kp = 37.5, is = 1e-30, tox = 1)
m..model mweakmod = (type=_n, vto = 2.81, kp = 0.07, is = 1e-30, tox = 1)
sw_vcsp..model s1amod = (ron = 1e-5, roff = 0.1, von = -6.2, voff = -2.4)
sw_vcsp..model s1bmod = (ron =1e-5, roff = 0.1, von = -2.4, voff = -6.2)
sw_vcsp..model s2amod = (ron = 1e-5, roff = 0.1, von = -1.8, voff = 0.5)
sw_vcsp..model s2bmod = (ron = 1e-5, roff = 0.1, von = 0.5, voff = -1.8)
c.ca n12 n8 = 2.70e-9
c.cb n15 n14 = 2.70e-9
c.cin n6 n8 = 1.56e-9
d.dbody n7 n71 = model=dbodymod
d.dbreak n72 n11 = model=dbreakmod
d.dplcap n10 n5 = model=dplcapmod
i.it n8 n17 = 1
l.ldrain n2 n5 = 1e-9
l.lgate n1 n9 = 6.5e-9
l.lsource n3 n7 = 2.3e-9
m.mmed n16 n6 n8 n8 = model=mmedmod, l=1u, w=1u
m.mstrong n16 n6 n8 n8 = model=mstrongmod, l=1u, w=1u
m.mweak n16 n21 n8 n8 = model=mweakmod, l=1u, w=1u
res.rbreak n17 n18 = 1, tc1 = 1.08e-3, tc2 = -8.6e-7
res.rdbody n71 n5 = 2.86e-3, tc1 = 2.25e-3, tc2 = 1e-6
res.rdbreak n72 n5 = 3.05e-1, tc1 = 8e-4, tc2 = 3e-6
res.rdrain n50 n16 = 1.68e-2, tc1 = 7.70e-3, tc2 = 2.20e-5
res.rgate n9 n20 = 0.86
res.rldrain n2 n5 = 10
res.rlgate n1 n9 = 26
res.rlsource n3 n7 = 11
res.rslc1 n5 n51 = 1e-6, tc1 = 4.25e-3, tc2 = 1.00e-6
res.rslc2 n5 n50 = 1e3
res.rsource n8 n7 = 1.65e-3, tc1 = 1e-3, tc2 = 1e-6
res.rvtemp n18 n19 = 1, tc1 = -3.20e-3, tc2 = 9.67e-7
res.rvthres n22 n8 = 1, tc1 = -2.07e-3, tc2 = -6.65e-6
spe.ebreak n11 n7 n17 n18 = 113.5
spe.eds n14 n8 n5 n8 = 1
spe.egs n13 n8 n6 n8 = 1
spe.esg n6 n10 n6 n8 = 1
spe.evtemp n20 n6 n18 n22 = 1
spe.evthres n6 n21 n19 n8 = 1
sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod
sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod
sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod
sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod
v.vbat n22 n19 = dc=1
equations {
i (n51->n50) +=iscl
iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/98))** 3.5))
}
}
18
22
+
-
6
8
+
-
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ISCL
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
RDBODY
RDBREAK
72
71
IRFP150N


Similar Part No. - IRFP150N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
logo
Inchange Semiconductor ...
IRFP150N ISC-IRFP150N Datasheet
243Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Thinki Semiconductor Co...
IRFP150N THINKISEMI-IRFP150N Datasheet
725Kb / 3P
   100V,60A Heatsink N-Channel Type Power MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRFP150N ARTSCHIP-IRFP150N Datasheet
258Kb / 7P
   HEXFET Power MOSFET
logo
International Rectifier
IRFP150NPBF IRF-IRFP150NPBF Datasheet
1Mb / 9P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRFP150N

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP150N INTERSIL-RFP150N Datasheet
127Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
HUF75637P3 FAIRCHILD-HUF75637P3 Datasheet
201Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
FDB3672_F085 FAIRCHILD-FDB3672_F085 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
HUF75229P3 FAIRCHILD-HUF75229P3 Datasheet
220Kb / 9P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
STMicroelectronics
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
   N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET??II POWER MOSFET
logo
Fairchild Semiconductor
FDB3672 FAIRCHILD-FDB3672_09 Datasheet
506Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 44A, 28m廓
logo
Intersil Corporation
HUF75229P3 INTERSIL-HUF75229P3 Datasheet
135Kb / 8P
   44A, 50V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
HUF75531SK8 INTERSIL-HUF75531SK8 Datasheet
183Kb / 12P
   6A, 80V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com