Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7710 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7710
Description  Signal Conditioning ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7710 Datasheet(HTML) 5 Page - Analog Devices

  AD7710 Datasheet HTML 1Page - Analog Devices AD7710 Datasheet HTML 2Page - Analog Devices AD7710 Datasheet HTML 3Page - Analog Devices AD7710 Datasheet HTML 4Page - Analog Devices AD7710 Datasheet HTML 5Page - Analog Devices AD7710 Datasheet HTML 6Page - Analog Devices AD7710 Datasheet HTML 7Page - Analog Devices AD7710 Datasheet HTML 8Page - Analog Devices AD7710 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Parameter
A, S Versions
l
Unit
Conditions/Comments
POWER REQUIREMENTS
Power Supply Voltages
AVDD Voltage
16
5 to 10
V nom
±5% for Specified Performance
DVDD Voltage
17
5V nom
±5% for Specified Performance
AVDD-VSS Voltage
10.5
V max
For Specified Performance
Power Supply Currents
AVDD Current
4
mA max
DVDD Current
4.5
mA max
VSS Current
1.5
mA max
VSS = –5 V
Power Supply Rejection
18
Rejection w.r.t. AGND; Assumes VBIAS Is Fixed
Positive Supply (AVDD and DVDD) See Note 19
dB typ
Negative Supply (VSS)90
dB typ
Power Dissipation
Normal Mode
45
mW max
AVDD = DVDD = 5 V, VSS = 0 V; Typically 25 mW
52.5
mW max
AVDD = DVDD = 5 V, VSS = –5 V; Typically 30 mW
Standby (Power-Down) Mode
15
mW max
AVDD = DVDD = 5 V, VSS = 0 V or –5 V; Typically 7 mW
NOTES
16The AD7710 is specified with a 10 MHz clock for AV
DD voltages of +5 V
±5%. It is specified with an 8 MHz clock for AV
DD voltages greater than 5.25 V and less
than 10.5 V. Operating with AVDD voltages in the range 5.25 V to 10.5 V is only guaranteed over the 0
°C to 70°C temperature range.
17The
±5% tolerance on the DV
DD input is allowed provided that DVDD does not exceed AVDD by more than 0.3 V.
18Measured at dc and applies in the selected passband. PSRR at 50 Hz will exceed 120 dB with filter notches of 10 Hz, 25 Hz, or 50 Hz. PSRR at 60 Hz will exceed
120 dB with filter notches of 10 Hz, 30 Hz or 60 Hz.
19PSRR depends on gain: Gain of 1: 70 dB typ; Gain of 2: 75 dB typ; Gain of 4: 80 dB typ; Gains of 8 to 128: 85 dB typ. These numbers can be improved (to 95 dB
typ) by deriving the VBIAS voltage (via Zener diode or reference) from the AVDD supply.
Specifications subject to change without notice.
Digital Input Voltage to DGND . . . . . –0.3 V to AVDD + 0.3 V
Digital Output Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Operating Temperature Range
Commercial (A Version) . . . . . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 300
°C
Power Dissipation (Any Package) to +75
°C . . . . . . . . 450 mW
Derates Above +75
°C . . . . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
*Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those listed in the operational
sections of the specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
AVDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
AVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +12 V
DVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
VSS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
VSS to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –6 V
Analog Input Voltage to AGND
. . . . . . . . . . . . . . . . . . . . . . . . . VSS – 0.3 V to AVDD + 0.3 V
Reference Input Voltage to AGND
. . . . . . . . . . . . . . . . . . . . . . . . . VSS – 0.3 V to AVDD + 0.3 V
REF OUT to AGND . . . . . . . . . . . . . . . . . . . . –0.3 V to AVDD
AD7710–SPECIFICATIONS
REV. G
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7710 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD7710

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710AN AD-AD7710AN Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710AN AD-AD7710AN Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7710AQ AD-AD7710AQ Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
More results

Similar Description - AD7710

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
   Signal Conditioning ADC
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7714 AD-AD7714_15 Datasheet
298Kb / 40P
   Signal Conditioning ADC
REV. C
AD7710 AD-AD7710_15 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7712 AD-AD7712 Datasheet
229Kb / 28P
   LC2MOS Signal Conditioning ADC
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com