Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7701AR Datasheet(PDF) 10 Page - Analog Devices

Part # AD7701AR
Description  LC2MOS 16-Bit A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7701AR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7701AR Datasheet HTML 6Page - Analog Devices AD7701AR Datasheet HTML 7Page - Analog Devices AD7701AR Datasheet HTML 8Page - Analog Devices AD7701AR Datasheet HTML 9Page - Analog Devices AD7701AR Datasheet HTML 10Page - Analog Devices AD7701AR Datasheet HTML 11Page - Analog Devices AD7701AR Datasheet HTML 12Page - Analog Devices AD7701AR Datasheet HTML 13Page - Analog Devices AD7701AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
REV. E
AD7701
–9–
C
R
R
AIN
INTEGRATOR
TO DIGITAL
FILTER
CLOCK
1-BIT DAC
STROBED
COMPARATOR
+VREF
–VREF
Figure 9. SEC Basic Charge-Balancing ADC
The term charge-balancing comes from the fact that this system
is a negative feedback loop that tries to keep the net charge on
the integrator capacitor at zero by balancing charge injected by
the input voltage with charge injected by the 1-bit DAC. When
the analog input is zero the only contribution to the integrator
output comes from the 1-bit DAC. For the net charge on the
integrator capacitor to be zero, the DAC output must spend half
its time at +1 V and half its time at –1 V. Assuming ideal com-
ponents, the duty cycle of the comparator will be 50%.
When a positive analog input is applied, the output of the 1-bit
DAC must spend a larger proportion of the time at +1 V, so the
duty cycle of the comparator increases. When a negative input
voltage is applied, the duty cycle decreases.
The AD7701 uses a second-order, sigma-delta modulator and a
sophisticated digital filter that provides a rolling average of the
sampled output. After power-up or if there is a step change in
the input voltage, there is a settling time that must elapse before
valid data is obtained.
DIGITAL FILTERING
The AD7701’s digital filter behaves like an analog filter, with a
few minor differences.
First, since digital filtering occurs after the analog-to-digital
conversion, it can remove noise injected during the conversion
process. Analog filtering cannot do this.
On the other hand, analog filtering can remove noise super-
imposed on the analog signal before it reaches the ADC. Digital
filtering cannot do this and noise peaks riding on signals near
full scale have the potential to saturate the analog modulator
and digital filter, even though the average value of the signal is
within limits. To alleviate this problem, the AD7701 has over-
range headroom built into the sigma-delta modulator and digital
filter that allows overrange excursions of 100 mV. If noise
signals are larger than this, consideration should be given to
analog input filtering, or to reducing the gain in the input
channel so that a full-scale input (2.5 V) gives only a half-scale
input to the AD7701 (1.25 V). This will provide an overrange
capability greater than 100% at the expense of reducing the
dynamic range by one bit (50%).
FILTER CHARACTERISTICS
The cutoff frequency of the digital filter is fCLK/409600. At the
maximum clock frequency of 4.096 MHz, the cutoff frequency
of the filter is 10 Hz and the output rate is 4 kHz.
Figure 10 shows the filter frequency response. This is a six-pole
Gaussian response that provides 55 dB of 60 Hz rejection for a
10 Hz cutoff frequency. If the clock frequency is halved to give a
5 Hz cutoff, 60 Hz rejection is better than 90 dB. A normalized
s-domain pole-zero plot of the filter is shown in Figure 11.
The response of the filter is defined by:
Hx
xx
x
xx
x
() =
++
+
+
++
10 693
0 240
0 0555
0 00962
0 00133
0 000154
24
6
810
12
05
..
.
..
.
.
where
xf f
f
f
dB
dB
CLKIN
==
33
409600
,
and f is the frequency of interest.
fCLK = 2MHz
fCLK = 1MHz
fCLK = 4MHz
1
10
100
FREQUENCY – Hz
20
0
–20
–40
–60
–80
–100
–120
–140
–160
Figure 10. Frequency Response of AD7701 Filter
jw
s
0
j1
j2
–2
–1
–j1
–j2
S1,2 = –1.4663 + j1.8191
S3,4 = –1.7553 + j1.0005
S5,6 = –1.8739 + j0.32272
Figure 11. Normalized Pole-Zero Plot of AD7701 Filter
Since the AD7701 contains this on-chip, low-pass filtering,
there is a settling time associated with step function inputs,
and data will be invalid after a step change until the settling
time has elapsed. The AD7701 is, therefore, unsuitable for
high speed multiplexing, where channels are switched and
converted sequentially at high rates, as switching between chan-
nels can cause a step change in the input. Rather, it is intended
for distributed converter systems using one ADC per channel.
However, slow multiplexing of the AD7701 is possible, pro-
vided that the settling time is allowed to elapse before data for
the new channel is accessed.


Similar Part No. - AD7701AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7701AR AD-AD7701AR Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701ARS AD-AD7701ARS Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
More results

Similar Description - AD7701AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
logo
Analog Devices
AD7701 AD-AD7701_15 Datasheet
301Kb / 20P
   16-Bit A/D Converter
Rev. E
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com