Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3047 Datasheet(PDF) 11 Page - International Rectifier

Part # IRU3047
Description  DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3047 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRU3047 Datasheet HTML 7Page - International Rectifier IRU3047 Datasheet HTML 8Page - International Rectifier IRU3047 Datasheet HTML 9Page - International Rectifier IRU3047 Datasheet HTML 10Page - International Rectifier IRU3047 Datasheet HTML 11Page - International Rectifier IRU3047 Datasheet HTML 12Page - International Rectifier IRU3047 Datasheet HTML 13Page - International Rectifier IRU3047 Datasheet HTML 14Page - International Rectifier IRU3047 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IRU3047
11
Rev. 1.0
09/09/02
www.irf.com
FP3 =
fS
2
4)
Place third pole at the half of the switching frequency.
C12 > 50pF
If not, change R7 selection.
5)
Place R7 in equation (16) and calculate C10:
6)
Place second pole at ESR zero.
FP2 = FESR
Check if R8 >
If R8 is too small, increase R7 and start from step 2.
7)
Place second zero around the resonant frequency.
FZ2 = FLC
8)
Use equation (1) to calculate R5:
These design rules will give a crossover frequency ap-
proximately one-tenth of the switching frequency. The
higher the band width, the potentially faster the load tran-
sient speed. The gain margin will be large enough to
provide high DC-regulation accuracy (typically -5dB to -
12dB). The phase margin should be greater than 45
8 for
overall stability.
The slave error amplifier is a differential-input transcon-
ductance amplifier as well, the main goal for the slave
feed back loop is to control the inductor current to match
the masters inductor current as well provides highest
bandwidth and adequate phase margin for overall stabil-
ity.
1
gm
The transfer function of power stage is expressed by:
As shown the transfer function is a function of inductor
current.
The transfer function for the compensation network is
given by equation (18), when using a series RC circuit
as shown in Figure 8.
Figure 8 - The PI compensation network
for slave channel.
The loop gain function is:
Select a zero crossover frequency (FO2) one-tenth of the
switching frequency:
FO2 = 20KHz
Where:
VIN = Input Voltage
VOUT = Output Voltage
L2 = Output Inductor
VOSC = Oscillator Peak Voltage
C12 =
1
2
p 3 R7 3 FP3
C10
[
3
2
p 3 Lo 3 FO 3 Co
R7
VOSC
VIN
R8 =
1
2
p 3 C10 3 FP2
R6 =
- R8
1
2
p 3 C10 3 FZ2
R5 =
3 R6
VREF
VOUT - VREF
L2
L1
C2
R2
RS2
RS1
Ve
IL2
IL1
E/A2
Fb2
Comp2
Vp2
FO2 =
fS
10
G(s) =
=
---(17)
IL2(s)
Ve(s)
VIN - VOUT
sL2
3 VOSC
D(s)=
= gm
3
3
---(18)
(
) (
)
Ve(s)
RS2
3 IL2(s)
RS1
RS2
1 + sC2R2
sC2
H(s)=[G(s)
3D(s)3RS2]
3
H(s)=RS2
3
(
)
RS1
RS2
gm
3
VIN-VOUT
sL2
3VOSC
(
)
1+sR2C2
sC2
(
)3


Similar Part No. - IRU3047

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3046CF IRF-IRU3046CF Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3048CF IRF-IRU3048CF Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
IRU3048CS IRF-IRU3048CS Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
More results

Similar Description - IRU3047

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Advanced Power Electron...
APU3146 A-POWER-APU3146 Datasheet
1Mb / 28P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com