Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7821KR Datasheet(PDF) 6 Page - Analog Devices

Part # AD7821KR
Description  8-Bit ADC with Track/Hold Function
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7821KR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7821KR Datasheet HTML 2Page - Analog Devices AD7821KR Datasheet HTML 3Page - Analog Devices AD7821KR Datasheet HTML 4Page - Analog Devices AD7821KR Datasheet HTML 5Page - Analog Devices AD7821KR Datasheet HTML 6Page - Analog Devices AD7821KR Datasheet HTML 7Page - Analog Devices AD7821KR Datasheet HTML 8Page - Analog Devices AD7821KR Datasheet HTML 9Page - Analog Devices AD7821KR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AD7821
REV. B
–5–
TERMINOLOGY
LEAST SIGNIFICANT BIT (LSB)
An ADC with 8-bit resolution can resolve one part in 2
8 (1/256
of full scale). For the AD7821 operating in either the unipolar
or bipolar input range with 5 V full scale, one LSB is 19.53 mV.
TOTAL UNADJUSTED ERROR
This is a comprehensive specification which includes relative
accuracy, offset error, and full-scale error.
SLEW RATE
Slew rate is the maximum allowable rate of change of input
signal such that the digital sample values are not in error.
TOTAL HARMONIC DISTORTION (THD)
Total harmonic distortion is the ratio of the square root of the
sum of the squares of the rms value of the harmonics to the rms
value of the fundamental. For the AD7821, total harmonic dis-
tortion is defined as
20
2
2
3
2
4
2
5
2
6
2
1
log
VVV
VV
V
dB
++
++
()
where V1 is the rms amplitude of the fundamental and V2, V3, V4,
V5, and V6 are the rms amplitudes of the individual harmonics.
INTERMODULATION DISTORTION
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products, of order (m+n), at sum and difference frequencies of
mfa+nfb, where m, n = 0, 1, 2, 3…. Intermodulation terms are
those for which m or n is not equal to zero. For example, the
second order terms include (fa + fb) and (fa – fb), and the third
order terms include (2fa + fb), (2fa – fb), (fa + 2fb) and
(fa – 2fb). For the AD7821 intermodulation distortion is calcu-
lated separately for both the second and third order terms.
SIGNAL-TO-NOISE RATIO (SNR)
Signal-to-noise ratio is measured signal-to-noise at the output of
the ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all nonfundamental signals (excluding
dc) up to half the sampling frequency. SNR is dependent on the
number of quantization levels used in the digitization process.
The theoretical SNR for a sine wave input is given by:
SNR
N
dB
=+
()
602
176
..
where N is the number of bits in the ADC. Thus, for an ideal
8-bit ADC, SNR = 50 dB.
PEAK HARMONIC OR SPURIOUS NOISE
Peak harmonic or spurious noise is the rms value of the largest
nonfundamental frequency (excluding dc) up to half the sam-
pling frequency to the rms value of the fundamental.


Similar Part No. - AD7821KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7821KR AD-AD7821KR Datasheet
249Kb / 12P
   LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
More results

Similar Description - AD7821KR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
   8-Bit ADC with Track/Hold
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Analog Devices
AD7575 AD-AD7575_15 Datasheet
150Kb / 12P
   5 s 8-Bit ADC with Track/Hold
REV. B
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com