Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD53509G Datasheet(PDF) 11 Page - Analog Devices

Part # AD53509G
Description  High Performance Driver/Comparator Active Load on a Single Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53509G Datasheet(HTML) 11 Page - Analog Devices

Back Button AD53509G Datasheet HTML 4Page - Analog Devices AD53509G Datasheet HTML 5Page - Analog Devices AD53509G Datasheet HTML 6Page - Analog Devices AD53509G Datasheet HTML 7Page - Analog Devices AD53509G Datasheet HTML 8Page - Analog Devices AD53509G Datasheet HTML 9Page - Analog Devices AD53509G Datasheet HTML 10Page - Analog Devices AD53509G Datasheet HTML 11Page - Analog Devices AD53509G Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD53509
Rev. B | Page 11 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-026-BEA-HU
1.00
BSC
LEAD PITCH
0.50
0.42
0.35
16.20
16.00 SQ
15.80
1.60
MAX
VIEW A
SEATING
PLANE
0.75
0.60
0.45
1.00 REF
0.15
0.05
0.10
COPLANARITY
1.45
1.40
1.35
3.5°
0.20
0.09
VIEW A
ROTATED 90° CCW
14.20
14.00 SQ
13.80
40
52
1
14
13
26
27
39
TOP VIEW
(PINS DOWN)
EXPOSED
PAD
PIN 1
6.00
BSC SQ
Figure 3. 52-Lead Low Profile Quad Flat Package, Exposed Pad [LQFP_EP]
(SW-52-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Ordering Quantity
AD53509JSW
0°C to 70°C
52-Lead LQFP_EP
SW-52-1
90
AD53509JSWZ
0°C to 70°C
52-Lead LQFP_EP
SW-52-1
90
1
1 Z = RoHS Compliant Part.


Similar Part No. - AD53509G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53509 AD-AD53509 Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
AD53509JSQ AD-AD53509JSQ Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
   High Performance Driver/Comparator
REV. B
More results

Similar Description - AD53509G

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53032 AD-AD53032_15 Datasheet
110Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53509 AD-AD53509 Datasheet
110Kb / 8P
   High-Performance Driver/Comparator Active Load on a Single Chip
REV. A
AD53032 AD-AD53032 Datasheet
101Kb / 8P
   High Performance Driver/Comparator Active Load on a Single Chip
REV. 0
AD53033 AD-AD53033 Datasheet
96Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53033 AD-AD53033_15 Datasheet
99Kb / 6P
   High Performance Driver/Comparator on a Single Chip
REV. 0
AD53509 AD-AD53509_15 Datasheet
352Kb / 12P
   High Performance Driver/Comparator
REV. B
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
   single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Maxim Integrated Produc...
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
   Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com