Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1206-25 Datasheet(PDF) 4 Page - International Rectifier

Part # IRU1206-25
Description  1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1206-25 Datasheet(HTML) 4 Page - International Rectifier

  IRU1206-25 Datasheet HTML 1Page - International Rectifier IRU1206-25 Datasheet HTML 2Page - International Rectifier IRU1206-25 Datasheet HTML 3Page - International Rectifier IRU1206-25 Datasheet HTML 4Page - International Rectifier IRU1206-25 Datasheet HTML 5Page - International Rectifier IRU1206-25 Datasheet HTML 6Page - International Rectifier IRU1206-25 Datasheet HTML 7Page - International Rectifier IRU1206-25 Datasheet HTML 8Page - International Rectifier IRU1206-25 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Rev. 2.3
08/02/02
IRU1206 / IRU1207 / IRU1208 / IRU1209
www.irf.com
Ref Desig
Description
Qty
Part #
Manuf
C1
Capacitor
1
10
mF, Tantalum
AVX
C2
Capacitor
1
10
mF, Tantalum
AVX
R1
Resistor
1
10K
V, 5%
Panasonic
TYPICAL APPLICATION
Ref Desig
Description
Qty
Part #
Manuf
C1
Capacitor
1
10
mF, Tantalum
AVX
C2
Capacitor
1
10
mF, Tantalum
AVX
Figure 2 - Typical application of IRU1206.
Figure 3 - Typical application of IRU1207.
Note: Tab must also be
connected to ground.
VIN
VOUT
C1
C2
IRU1206-
XX
3
1
2
VOUT
Gnd
VIN
VIN
VOUT
R1
C1
C2
SD
Enable
IRU1207
Error Flag
1
2
3
4
Enable
VIN
Gnd
VOUT
Flag
Gnd
Gnd
Gnd
8
7
6
5


Similar Part No. - IRU1206-25

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results

Similar Description - IRU1206-25

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com