Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6550 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6550
Description  3.3V Triple and Quad Video Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6550 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6550 Datasheet HTML 3Page - Linear Technology LT6550 Datasheet HTML 4Page - Linear Technology LT6550 Datasheet HTML 5Page - Linear Technology LT6550 Datasheet HTML 6Page - Linear Technology LT6550 Datasheet HTML 7Page - Linear Technology LT6550 Datasheet HTML 8Page - Linear Technology LT6550 Datasheet HTML 9Page - Linear Technology LT6550 Datasheet HTML 10Page - Linear Technology LT6550 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT6550/LT6551
7
65501f
Frequency Response with
Capacitive Loads
Capacitive Load Handling,
Overshoot vs Capacitive Load
Slew Rate vs Temperature
Power Supply Rejection Ratio vs
Frequency
Output Impedance vs Frequency
Channel Separation vs Frequency
Gain Matching vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
Small Signal Response
FREQUENCY (Hz)
12
11
10
9
8
7
6
5
4
3
2
10k
100k
6550/51 G13
1M
100M 500M
10M
VS = 5V, 0V
VOUT = 2.5V DC
RL = 150Ω
CL = 150pF
CL = 10pF
CAPACITIVE LOAD (pF)
10
45
40
35
30
25
20
15
10
5
0
100
1000
6550/51 G14
TEMPERATURE (
°C)
–50
500
450
400
350
300
250
200
150
25
75
6550/51 G15
–25
0
50
100
125
FREQUENCY (Hz)
60
50
40
30
20
10
0
10k
1M
10M
1000M
6550/51 G16
100k
100M
FREQUENCY (Hz)
0
–0.2
–0.4
–0.6
–0.8
–1.0
10k
1M
10M
1000M
6550/51 G19
100k
100M
FREQUENCY (Hz)
10k
1M
10M
100M
6550/51 G17
100k
100
10
1
0.1
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10k
1M
10M
1000M
6550/51 G18
100k
100M
FREQUENCY (Hz)
100k
–30
–40
–50
–60
–70
–80
–90
1M
10M
6550/51 G20
6550/51 G21
VS = 5V, 0V
RL = OPEN
RL = 150Ω
RL = 150Ω
5V, 0V, RISING
5V, 0V, FALLING
3.3V, 0V, RISING
3.3V, 0V, FALLING
+PSSR
VS = 5V, 0V
VOUT = 2.5V DC
RL = 150Ω
CL = 20pF
VS = 5V, 0V
VOUT = 2.5V DC
RL = 150Ω
VS = 5V, 0V
RL = 150Ω
ANY CHANNEL PAIR
VS = 5V, 0V
VOUT = 2.5V DC
VS = 3.3V, 0V
VOUT = 1.5V DC, ANY CHANNEL PAIR
VS = 3.3V, 0V
VO = 2VP-P (0.5V TO 2.5V)
RL = 150Ω
3RD
2ND
CL = 50pF
CL = 100pF
5V/3.3V TYPICAL PERFOR A CE CHARACTERISTICS
VEE (Pin 5) = 0V (LT6550), GND (Pin 5) = 0V (LT6551)


Similar Part No. - LT6550

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6550 LINER-LT6550 Datasheet
356Kb / 16P
   650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6550 LINER-LT6550 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
More results

Similar Description - LT6550

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Exar Corporation
CLC2601 EXAR-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2601 CADEKA-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Fairchild Semiconductor
FHP3350 FAIRCHILD-FHP3350 Datasheet
754Kb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Exar Corporation
CLC2600 EXAR-CLC2600 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com