Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSDMLQ31.23 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # KSDMLQ31.23
Description  SYNIOS P2720
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KSDMLQ31.23 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button KSDMLQ31.23_18 Datasheet HTML 6Page - OSRAM GmbH KSDMLQ31.23_18 Datasheet HTML 7Page - OSRAM GmbH KSDMLQ31.23_18 Datasheet HTML 8Page - OSRAM GmbH KSDMLQ31.23_18 Datasheet HTML 9Page - OSRAM GmbH KSDMLQ31.23_18 Datasheet HTML 10Page - OSRAM GmbH KSDMLQ31.23_18 Datasheet HTML 11Page - OSRAM GmbH KSDMLQ31.23_18 Datasheet HTML 12Page - OSRAM GmbH KSDMLQ31.23_18 Datasheet HTML 13Page - OSRAM GmbH KSDMLQ31.23_18 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2018-01-25
10
Version 1.1
KS DMLQ31.23 - Dual Binning
Relative Forward Voltage 6) page 22
Relative Vorwärtsspannung 6) Seite 22
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 6) page 22
Relativer Lichtstrom 6) Seite 22
ΦVV(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 6) page 22
Dominante Wellenlänge 6) Seite 22
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 350 mA
KS DMLQ31.23
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆V
F [V]
KS DMLQ31.23
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Φ
v
Φ
v(25°C)
KS DMLQ31.23
-40 -20
0
20
40
60
80 100 120 140
Tj [°C]
-10
-8
-6
-4
-2
0
2
4
6
8
∆λ
dom [nm]


Similar Part No. - KSDMLQ31.23_18

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KSDMLQ31.23-GZJY-68-J3T3 OSRAM-KSDMLQ31.23-GZJY-68-J3T3 Datasheet
687Kb / 22P
   SYNIOS P2720
More results

Similar Description - KSDMLQ31.23_18

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KYDMLN31.23 OSRAM-KYDMLN31.23 Datasheet
666Kb / 22P
   SYNIOS P2720
KYDMLS31.FY OSRAM-KYDMLS31.FY Datasheet
745Kb / 23P
   SYNIOS P2720
KYDMLQ31.23 OSRAM-KYDMLQ31.23 Datasheet
687Kb / 22P
   SYNIOS P2720
KYDMLN31.FY OSRAM-KYDMLN31.FY Datasheet
704Kb / 23P
   SYNIOS P2720
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
   SYNIOS P2720
KWDMLS31.SG OSRAM-KWDMLS31.SG Datasheet
791Kb / 23P
   SYNIOS P2720
KYDMLS31.23 OSRAM-KYDMLS31.23 Datasheet
703Kb / 22P
   SYNIOS P2720
SFH4775S OSRAM-SFH4775S Datasheet
503Kb / 13P
   IR SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23 Datasheet
687Kb / 22P
   SYNIOS P2720
KSDMLS31.23 OSRAM-KSDMLS31.23 Datasheet
695Kb / 22P
   SYNIOS P2720
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com