Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSDMLS31.23 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # KSDMLS31.23
Description  SYNIOS P2720
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KSDMLS31.23 Datasheet(HTML) 4 Page - OSRAM GmbH

  KSDMLS31.23 Datasheet HTML 1Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 2Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 3Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 4Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 5Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 6Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 7Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 8Page - OSRAM GmbH KSDMLS31.23 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2016-08-16
4
Version 1.2
KS DMLS31.23
Characteristics (TS = 25 °C; IF = 700 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λ
peak
644
nm
Dominant Wavelength
3) page 21
Dominantwellenlänge
3) Seite 21
(min.)
(typ.)
(max.)
λdom
λdom
λdom
627
632
637
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% I
rel max
(typ.)
∆λ
16
nm
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage
4) page 21
Durchlassspannung
4) Seite 21
(min.)
(typ.)
(max.)
VF
VF
VF
2.15
2.43
2.75
V
V
V
Reverse current
Sperrstrom
(V
R = 12 V)
(typ.)
(max.)
IR
I
R
0.2
10
µA
µA
Real thermal resistance junction / solder point
5) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 21
(typ.)
(max.)
R
th JS real
Rth JS real
9
11.5
K/W
K/W
"Electrical" thermal resistance junction / solder point
5) page 21
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 5) Seite 21
(with efficiency ηe = 30 %)
(typ.)
(max.)
Rth JS el
R
th JS el
6.3
8.1
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - KSDMLS31.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
   SYNIOS P2720
KSDMLN31.23-FYHX-68-J3T3 OSRAM-KSDMLN31.23-FYHX-68-J3T3 Datasheet
667Kb / 22P
   SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23 Datasheet
687Kb / 22P
   SYNIOS P2720
KSDMLQ31.23-GZJY-68-J3T3 OSRAM-KSDMLQ31.23-GZJY-68-J3T3 Datasheet
687Kb / 22P
   SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23_18 Datasheet
732Kb / 23P
   SYNIOS P2720
More results

Similar Description - KSDMLS31.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KYDMLN31.23 OSRAM-KYDMLN31.23 Datasheet
666Kb / 22P
   SYNIOS P2720
KYDMLS31.FY OSRAM-KYDMLS31.FY Datasheet
745Kb / 23P
   SYNIOS P2720
KYDMLQ31.23 OSRAM-KYDMLQ31.23 Datasheet
687Kb / 22P
   SYNIOS P2720
KYDMLN31.FY OSRAM-KYDMLN31.FY Datasheet
704Kb / 23P
   SYNIOS P2720
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
   SYNIOS P2720
KWDMLS31.SG OSRAM-KWDMLS31.SG Datasheet
791Kb / 23P
   SYNIOS P2720
KYDMLS31.23 OSRAM-KYDMLS31.23 Datasheet
703Kb / 22P
   SYNIOS P2720
SFH4775S OSRAM-SFH4775S Datasheet
503Kb / 13P
   IR SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23 Datasheet
687Kb / 22P
   SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23_18 Datasheet
732Kb / 23P
   SYNIOS P2720
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com