Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX28333 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX28333
Description  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28333 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX28333 Datasheet HTML 1Page - Synaptics Incorporated. CX28333 Datasheet HTML 2Page - Synaptics Incorporated. CX28333 Datasheet HTML 3Page - Synaptics Incorporated. CX28333 Datasheet HTML 4Page - Synaptics Incorporated. CX28333 Datasheet HTML 5Page - Synaptics Incorporated. CX28333 Datasheet HTML 6Page - Synaptics Incorporated. CX28333 Datasheet HTML 7Page - Synaptics Incorporated. CX28333 Datasheet HTML 8Page - Synaptics Incorporated. CX28333 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Data Sheet
100985A
June 2, 2000
Advance Information
This document contains information on a product under development. The parametric information
contains target parameters that are subject to change.
NOTE(S): The TX Monitor is only used with the 100-pin CX2833i-3X.
TPOS
TNEG
TCLK
ENCODER
TAIS
Pulse
Shaper
E3MODE
LINE
DRIVER
PDB
DATA
MUX
RLOOP
LLOOP
LBO
XOE
TLINEP
TLINEM/N
DECODER
RPOS
RNEG
RCLK
RLOS
TCLK
Clock/
Data
Recovery
PDATA
PDATA/
NDATA
NDATA
DATCLK
P
N
Receiver
TX
Monitor
ALOS
RLINEP
RLINEM/N
TMONP
TMONM
TXMON
TMONTST
REFCLK
REQH
LIU #1
LIU #2
LIU #3
CX28331/CX28332/CX28333
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
The CX28333 is a three-channel, E3/DS3/STS-1 fully-integrated Line Interface Unit
(LIU). It is configured via external pins and does not need a microprocessor interface.
Each channel has an independent equalizer on the receive side requiring no user
configuration. Also, each channel has a programmable transmit pulse shaper that can
be set to ensure that the cross-connect pulse mask requirement is met for transmit
cable length up to 450 feet. The CX28332 is a dual-channel, and the CX28331 is a
single-channel LIU with performance identical to the CX28333.
The CX28333 gives the user new economies of scale in concentrator applications
where three DS3 or STS-1 channels are concentrated into a single STS-3 channel. By
including three independent transceivers on a chip, significant external components are
eliminated, with the exception of 1:1 coupling transformers, termination resistors, and
supply bypass capacitors.
NOTE:
In this document, "i" is used to represent the number of channels:
i = 1 (CX28331), i = 2 (CX28332), and i = 3 (CX28333).
Functional Block Diagram
Distinguishing Features
Can be used as a data transceiver
over a maximum of 900 feet of Type
734/728 coaxial cable or equivalent
in an on-premise environment
Programmable pulse filtering to meet
cross-connect pulse masks (ANSI
T1.102-1993)
Meets jitter specifications of Bellcore
GR499, GR253, and TBR24 (with
external JAT).
Large input dynamic range
Alarms for coding violation and loss
of signal
Full diagnostic loopback capability
Uses a minimum of external
components
Compatible with ITU-T G.703, G.823
Independent power down mode per
channel
Easily interfaced to the DS3/E3
Framer IC (CX28342/3/4/6/8 and
CN8330)
Selectable B3ZS/HDB3
encoding/decoding
Superior input receiver sensitivity
(< 25 mV)
Transmit monitor inputs (CX2833i-3x
series only)
Physical Characteristics
80- and 100-pin ETQFP package
Single 3.3 V power supply
1 W maximum power dissipation
(CX28333)
–40 °C to +85 °C temperature range
5 V-tolerant pins
TTL digital pins
Applications
Digital Cross-Connect Systems
•Routers
ATM Switches
Channelized Line Aggregation Units
Test Equipment
Channel Service Units
Multiplexers


Similar Part No. - CX28333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX28342 ETC1-CX28342 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28343 ETC1-CX28343 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28344 ETC1-CX28344 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28346 ETC1-CX28346 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
CX28348 ETC1-CX28348 Datasheet
1Mb / 195P
   Dual/Triple/Quad/Hex/Octal-Enhanced DS3/E3 Framer
More results

Similar Description - CX28333

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A_15 Datasheet
710Kb / 65P
   Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
logo
Exar Corporation
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
   3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
logo
M/A-COM Technology Solu...
28333-DSH-001-A MA-COM-28333-DSH-001-A Datasheet
710Kb / 65P
   Single/Dual/Triple E3/DS3/STS-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com