Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TS6
Description  Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS6 Datasheet(HTML) 3 Page - Vishay Siliconix

  TS6_17 Datasheet HTML 1Page - Vishay Siliconix TS6_17 Datasheet HTML 2Page - Vishay Siliconix TS6_17 Datasheet HTML 3Page - Vishay Siliconix TS6_17 Datasheet HTML 4Page - Vishay Siliconix TS6_17 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS6
www.vishay.com
Vishay Sfernice
Revision: 22-Sep-15
3
Document Number: 51010
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
PERFORMANCES
TESTS
CONDITIONS
REQUIREMENTS
OTHER
TYPICAL VALUES AND DRIFTS
R
T/RT
(%)
R
1-2/R1-2
(%)
R
T/RT
(%)
R
1-2/R1-2
(%)
OTHER
Electrical
endurance
1000 h at rated power
90'/30' - ambient temp. 70 °C
± 2 %
± 4 %
Contact res.
variation:
< 3 % Rn
± 1 %
± 2 %
Contact res.
variation:
< 1 % Rn
Climatic
sequence
Phase A dry heat 125 °C
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 2 %
± 3 %
± 0.5 %
± 1 %
Damp heat
steady state
40 °C 93 % RH
56 days
± 2 %
± 3 %
Dielectric
strength:
250 VRMS
Insulation
resistance:
> 100 M
± 0.5 %
± 1 %
Dielectric
strength:
1000 VRMS
Insulation
resistance:
> 104 M
Charge of
temperature
-55 °C to +125 °C
5 cycles
± 1.5 %
V
1-2/V1-3
 ± 2 %
± 0.5 %
V
1-2/V1-3
< ± 1 %
Mechanical
endurance
200 cycles at rated power
± 2 %
Contact res.
variation:
< 3 % Rn
± (2 % + 3
)
Contact res.
variation:
< 1 % Rn
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 1 %
V
1-2/V1-3
 ± 2 %
± 0.1 %
V
1-2/V1-3
 0.2 %
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g for 6 h
± 1 %
V
1-2/V1-3
 ± 2 %
± 0.1 %
V
1-2/V1-3
 ± 0.2 %
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
-55 °C
+125 °C
MAX. POWER
AT 70 °C
MAX. WORKING
VOLTAGE
MAX. WIPER
CURRENT
W
V
mA
ppm/°C
10
0.25
158
158
± 100
22
0.25
2.34
107
47
0.25
3.43
73
100
0.25
5.00
50
220
0.25
7.42
34
470
0.25
10.8
23
1K
0.25
15.8
15.8
2.2K
0.25
23.4
10.7
4.7K
0.25
34.3
7.3
10K
0.25
50
5
22K
0.25
74.2
3.37
47K
0.25
108.4
2.31
100K
0.25
158
1.58
220K
0.25
234
1.97
470K
0.13
250
0.53
1M
0.06
250
0.25
2M
0.03
250
0.125


Similar Part No. - TS6_17

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TS6-1Y MACOM-TS6-1Y Datasheet
79Kb / 2P
   DC SOLID STATE RELAYS
logo
Transys Electronics
TS601R TRSYS-TS601R Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Bothhand USA, LP.
TS6114 BOTHHAND-TS6114 Datasheet
189Kb / 1P
   10 /100 BASE PULSE TRANSFORMER
TS6114A BOTHHAND-TS6114A Datasheet
291Kb / 1P
   10 BASE-T ETHERNET ISOLATION TRANSFORMER
TS6115 BOTHHAND-TS6115 Datasheet
181Kb / 1P
   10/100 BASE-T ETHERNET ISOLATION TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com