Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2770 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2770
Description  20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2770 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS2770 Datasheet HTML 39Page - Texas Instruments TAS2770 Datasheet HTML 40Page - Texas Instruments TAS2770 Datasheet HTML 41Page - Texas Instruments TAS2770 Datasheet HTML 42Page - Texas Instruments TAS2770 Datasheet HTML 43Page - Texas Instruments TAS2770 Datasheet HTML 44Page - Texas Instruments TAS2770 Datasheet HTML 45Page - Texas Instruments TAS2770 Datasheet HTML 46Page - Texas Instruments TAS2770 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
43
TAS2770
www.ti.com
SLASEM6A – OCTOBER 2017 – REVISED DECEMBER 2017
Product Folder Links: TAS2770
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 67. Low EMI Spread Spectrum Mode
AMP_SS
Spread Spectrum
0
Disabled
1
Enabled (default)
By default the Class-D amplifier's switching frequency is based on the device's trimmed internal oscillator. To
synchronize switching to the audio sample rate, set the CLASSD_SYNC register bit high. When the Class-D is
synchronized to the audio sample rate, the RATE_RAMP register bit must be set based whether the audio
sample rate is based on a 44.1 kHz or 48 kHz frequency. For 44.1, 88.2 and 176.4 kHz, set this bit high. for 48,
96 and 192 kHz, set this bit low. This ensures that the internal ramp generator has the appropriate slope.
Table 68. Class-D Synchronization Mode
CLASSD_SYNC
Synchronization Mode
0
Not synchronized to audio clocks
(default)
1
Synchronized to audio clocks
Table 69. Sample Rate for Class-D Synchronized Mode
RAMP_RATE
Playback Sample Rate
0
48, 96 and 192 kHz (default)
1
44.1, 88.2 and 174.6 kHz
8.4.4
SAR ADC
A 12-bit SAR ADC monitors VBAT voltage and die temperature. The results of these conversions are available
via register readback (VBAT_CNV[11:0] and TMP_CNV[7:0] registers respectively). VBAT voltage conversions
are also used by the limiter and brown out prevention features.
The ADC runs at a fixed 667 kHz sample rate (1.5 µs per conversion) interleaved between VBAT voltage and die
temperature measurements. This gives an effective sample rate of 333 kHz (3 µs per conversion) with a latency
of 1 sample (1.5 µs). This gives a worst case measurement latency of 4.5 µs. Actual VBAT voltage is calculated
by dividing the VBAT_CNV[11:0] register by 256. Actual die temperature is calculated by dividing the
TMP_CNV[11:0] register by 16 and then subtracting 93.
Table 70. ADC VBAT Voltage Conversion
VBAT_CNV[11:0]
VBAT Voltage (V)
0x000
0 V
0x001
0.0039 V
...
...
0xC9A
12.6016 V
...
...
0xFFE
15.9922 V
0xFFF
15.9961 V
Table 71. ADC Die Temperature Conversion
TMP_CNV[11:0]
Die Temperature (°C)
0x000
-93 °C
0x001
-92.9375 °C
...
...
0x760
25 °C
...
...
0xFFE
162.8750 °C
0xFFF
162.9375 °C


Similar Part No. - TAS2770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
[Old version datasheet]   15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI-TAS2770 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770RJQR TI-TAS2770RJQR Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770RJQT TI-TAS2770RJQT Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770YFFR TI-TAS2770YFFR Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
More results

Similar Description - TAS2770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
[Old version datasheet]   15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
[Old version datasheet]   TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com