Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS2770 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2770
Description  20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2770 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TAS2770 Datasheet HTML 47Page - Texas Instruments TAS2770 Datasheet HTML 48Page - Texas Instruments TAS2770 Datasheet HTML 49Page - Texas Instruments TAS2770 Datasheet HTML 50Page - Texas Instruments TAS2770 Datasheet HTML 51Page - Texas Instruments TAS2770 Datasheet HTML 52Page - Texas Instruments TAS2770 Datasheet HTML 53Page - Texas Instruments TAS2770 Datasheet HTML 54Page - Texas Instruments TAS2770 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
51
TAS2770
www.ti.com
SLASEM6A – OCTOBER 2017 – REVISED DECEMBER 2017
Product Folder Links: TAS2770
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 85. Playback Configuration 0 Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4-0
AMP_LEVEL[4:0]
RW
10h
Amplifier output level setting.
00h = 11.0 dBV (5.02 Vpk)
01h = 11.5 dBV (5.32 Vpk)
02h = 12.0 dBV (5.63 Vpk)
03h = 12.5 dBV (5.96 Vpk)
04h = 13.0 dBV (6.32 Vpk)
05h = 13.5 dBV (6.69 Vpk)
06h = 14.0 dBV (7.09 Vpk)
07h = 14.5 dBV (7.51 Vpk)
08h = 15.0 dBV (7.95 Vpk)
09h = 15.5 dBV (8.42 Vpk)
0Ah = 16.0 dBV (8.92 Vpk)
0Bh = 16.5 dBV (9.45 Vpk)
0Ch = 17.0 dBV (10.01 Vpk)
0Dh = 17.5 dBV (10.61 Vpk)
0Eh = 18.0 dBV (11.23 Vpk)
0Fh = 18.5 dBV (11.90 Vpk)
10h = 19.0 dBV (12.60 Vpk)
11h = 19.5 dBV (13.35 Vpk)
12h = 20.0 dBV (14.14 Vpk)
13h = 20.5 dBV (14.98 Vpk)
14h = 21.0 dBV (15.87 Vpk)
15h - 1Fh = Reserved
8.9.2.5 PB_CFG1 (book=0x00 page=0x00 address=0x04) [reset=1h]
Sets playback high pass filter corner (PCM playback only).
Figure 59. PB_CFG1 Register Address: 0x04
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
HPF_FREQ[2:0]
RW-0h
RW-0h
RW-0h
RW-0h
RW-0h
RW-1h
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 86. Playback Configuration 1 Field Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
RW
0h
Reserved
6
Reserved
RW
0h
Reserved
5
Reserved
RW
0h
Reserved
4
Reserved
RW
0h
Reserved
3
Reserved
RW
0h
Reserved
2-0
HPF_FREQ[2:0]
RW
1h
High Pass Filter Corner Frequency.
000b = Bypass
001b = 2 Hz
010b = 50 Hz
011b = 100 Hz
100b = 200 Hz
101b = 400 Hz
110b = 800 Hz
111b = Reserved
8.9.2.6 PB_CFG2 (book=0x00 page=0x00 address=0x05) [reset=0h]
Sets playback volume for PCM playback path.


Similar Part No. - TAS2770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
[Old version datasheet]   15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2770 TI-TAS2770 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770RJQR TI-TAS2770RJQR Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770RJQT TI-TAS2770RJQT Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770YFFR TI-TAS2770YFFR Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
More results

Similar Description - TAS2770

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2770 TI-TAS2770_V01 Datasheet
3Mb / 100P
[Old version datasheet]   TAS2770 20-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
REVISED AUGUST 2022
TAS2770 TI1-TAS2770 Datasheet
1Mb / 85P
[Old version datasheet]   15-W Digital Input Mono Class-D Audio Amplifier with Speaker I/V Sense
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
[Old version datasheet]   TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2764 TI-TAS2764 Datasheet
3Mb / 107P
[Old version datasheet]   TAS2764 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
[Old version datasheet]   5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2552 TI-TAS2552_15 Datasheet
1Mb / 60P
[Old version datasheet]   TAS2552 4.0-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
[Old version datasheet]   TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com