Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7530IY-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7530IY-T7
Description  Monolithic 600mA Step-Down Regulator with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7530IY-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL7530IY-T7 Datasheet HTML 3Page - Intersil Corporation EL7530IY-T7 Datasheet HTML 4Page - Intersil Corporation EL7530IY-T7 Datasheet HTML 5Page - Intersil Corporation EL7530IY-T7 Datasheet HTML 6Page - Intersil Corporation EL7530IY-T7 Datasheet HTML 7Page - Intersil Corporation EL7530IY-T7 Datasheet HTML 8Page - Intersil Corporation EL7530IY-T7 Datasheet HTML 9Page - Intersil Corporation EL7530IY-T7 Datasheet HTML 10Page - Intersil Corporation EL7530IY-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
FN7434.3
August 10, 2005
FIGURE 18. PWM LOAD TRANSIENT RESPONSE (100mA TO
500mA)
FIGURE 19. EFFICIENCY vs IO (PWM MODE)
FIGURE 20. LOAD REGULATION (PWM MODE)
FIGURE 21. LINE REGULATION @ 500mA (PWM MODE)
FIGURE 22. PFM-PWM TRANSITION TIME
FIGURE 23. PFM-PWM TRANSITION TIME
Performance Curves and Waveforms (Continued)
All waveforms are taken at VIN=3.3V, VO=1.8V, IO=600mA with component values shown on page 1 at room ambient temperature, unless
otherwise noted.
50µs/DIV
IO
(200mA/DIV)
∆V
O
(50mV/DIV)
0
200
400
600
800
1K
1.2K
IO (mA)
100
80
60
40
20
0
12MHz
1.4MHz
5MHz
0
200
400
600
800
1K
1.2K
IO (mA)
1
0.6
0.2
0
-0.2
-0.6
5MHz
12MHz
1.4MHz
0
200
400
600
800
1K
1.2K
VIN (V)
0.5
0.3
0.1
-0.1
-0.3
-0.5
5MHz
12MHz
1.4MHz
2µs/DIV
SYNC
(2V/DIV)
LX
(2V/DIV)
IO=150mA
2µs/DIV
SYNC
(2V/DIV)
LX
(2V/DIV)
IO=50mA
EL7530


Similar Part No. - EL7530IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7530IY-T7 INTERSIL-EL7530IY-T7 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530IY-T7 RENESAS-EL7530IY-T7 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results

Similar Description - EL7530IY-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010_06 Datasheet
377Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com