Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1573TQFNEVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1573TQFNEVKIT
Description  MAX1573 Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1573TQFNEVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1573TQFNEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX1573TQFNEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX1573TQFNEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX1573TQFNEVKIT Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX1573 Evaluation Kit
2
_______________________________________________________________________________________
6) Sweep the power supply to 5.5V. Verify that all 4
LEDs remain on with constant and uniform intensity.
7) Reconfigure JU1 and JU2 to verify the different
brightness levels. For instructions on brightness
control, see Table 1.
Detailed Description
Jumper Selection
EN1 and EN2 on the MAX1573 provide control for
ON/OFF, 1/10, 3/10, and full current. JU1 and JU2 con-
nect these 2 pins to either VIN or GND (see Table 1).
An external signal can be used to drive EN1 or EN2 by
removing the corresponding shunt completely from the
jumper and connecting the external signal to the
appropriate connecting pad.
Setting LED Current
The default LED current is set to 17mA (with shunts
across pins 1 and 2 on JU1 and JU2). To set a different
LED current, change R1, where R1 = 215 x 0.6 /
ILED(FULL).
Evaluating Off-Board LEDs
The MAX1573 EV kit allows for easy evaluation of off-
board LEDs. To evaluate off-board LEDs, first cut the
trace that shorts JU3. Next, connect the pad labeled
VOUT on the EV kit to the anodes of the LEDs under
evaluation. Last, connect the cathode of each LED to
one of the EV kit pads labeled LED1–LED4. If evaluat-
ing fewer than 4 off-board LEDs, see the Evaluating
Fewer Than 4 LEDs section.
Evaluating Fewer than 4 LEDs
To evaluate fewer than 4 LEDs, remove the desired
LED(s) and connect the corresponding LED pad(s) to
the input voltage. Do not leave LED pad(s) floating.
MAX1573
VOUT
OUT
LED1
D4
LED1
LED2
LED3
LED4
A2
IN
C2
1
µF
C3
1
µF
EN1
EN2
SET
C1
JU1
JU2
C4
D3
C3
D2
B2
B1
A1
D1
C1N
C1P
C2N
C2P
D4
U1
LED2
LED3
LED4
GND
D3
D2
D1
JU3
SHORT
C4
1
µF
C1
1
µF
R1
7.5k
1%
VIN
2.7V TO 5.5V
EN1/PWM
EN2
GND
1
2
3
1
2
3
A3
A4
B4
GND0
JU1 POSITION
EN1
JU2 POSITION
EN2
MAX1573 OUTPUT
1 and 2
Connected to VIN
1 and 2
Connected to VIN
Full brightness
1 and 2
Connected to VIN
2 and 3
Connected to GND
3/10 brightness
2 and 3
Connected to GND
1 and 2
Connected to VIN
1/10 brightness
2 and 3
Connected to GND
2 and 3
Connected to GND
Shutdown
Figure 1. MAX1573 EV Kit Schematic
Table 1. JU1 and JU2 Functions (Dimming Control)


Similar Part No. - MAX1573TQFNEVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results

Similar Description - MAX1573TQFNEVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com