Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54587P Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M54587P
Description  8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54587P Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M54587P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Mar.2002
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54587P/FP
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Forward bias voltage VF (V)
0
0
200
100
300
400
500
0.5
1.0
1.5
2.0
Clamping Diode Characteristics
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C


Similar Part No. - M54587P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54580P MITSUBISHI-M54580P Datasheet
101Kb / 3P
   7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54580P MITSUBISHI-M54580P Datasheet
81Kb / 4P
   7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54580P MITSUBISHI-M54580P_99 Datasheet
81Kb / 4P
   7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54581P MITSUBISHI-M54581P Datasheet
178Kb / 3P
   S-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54583 MITSUBISHI-M54583 Datasheet
175Kb / 3P
   8 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
More results

Similar Description - M54587P

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
   8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585KP MITSUBISHI-M54585KP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54585P MITSUBISHI-M54585P Datasheet
73Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP_06 Datasheet
75Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com