Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54587P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M54587P
Description  8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54587P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54587P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54587P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mar.2002
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54587P/FP
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DESCRIPTION
M54587P and M54587FP are eight-circuit collector-current-
synchronized Darlington transistor arrays. The circuits are
made of PNP and NPN transistors. Both the semiconductor
integrated circuits perform high-current driving with ex-
tremely low input-current supply.
FEATURES
q High breakdown voltage (BVCEO
≥ 50V)
q High-current driving (IC(max) = 500mA)
q “L” active level input
q With input diode
q With clamping diodes
q Wide operating temperature range (Ta = –20 to +75
°C)
APPLICATION
Interfaces between microcomputers and high-voltage, high-
current drive systems, drives of relays and MOS-bipolar logic
IC interfaces
FUNCTION
The M54587 is produced by adding PNP transistors to
M54585 inputs. Eight circuits having active L-level inputs are
provided.
Resistance of 7k
Ω and diode are provided in series between
each input and PNP transistor base. The input diode is in-
tended to prevent the flow of current from the input to the
VCC. Without this diode, the current flow from “H” input to the
VCC and the “L” input circuits is activated, in such case where
one of the inputs of the 8 circuits is “H” and the others are “L”
to save power consumption. The diode is inserted to prevent
such misoperation.
This device is most suitable for a driver using NMOS IC out-
put especially for the driver of current sink.
Collector current is 500mA maximum. Collector-emitter sup-
ply voltage is 50V.
The M54587FP is enclosed in a molded small flat package,
enabling space saving design.
PIN CONFIGURATION
CIRCUIT DIAGRAM (EACH CIRCUIT)
INPUT
7K
7.2K
3K
2.7K
7K
VCC
COM
GND
OUTPUT
Unit :
The eight circuits share the Vcc, COM and GND
The diode, indicated with the dotted line, is parasitic, and
cannot be used.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
IN1
GND
COM COMMON
VCC
INPUT
OUTPUT
O1
O2
O3
O4
O5
O6
O7
O8
IN2
IN3
IN4
IN5
IN6
IN7
IN8
NC : No connection
Package type
20P4(P)
20P2N-A(FP)


Similar Part No. - M54587P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54580P MITSUBISHI-M54580P Datasheet
101Kb / 3P
   7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54580P MITSUBISHI-M54580P Datasheet
81Kb / 4P
   7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54580P MITSUBISHI-M54580P_99 Datasheet
81Kb / 4P
   7-UNIT 150mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
M54581P MITSUBISHI-M54581P Datasheet
178Kb / 3P
   S-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54583 MITSUBISHI-M54583 Datasheet
175Kb / 3P
   8 UNIT 400MA DARLINGTON TRANSISTOR ARRAY
More results

Similar Description - M54587P

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
   8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585KP MITSUBISHI-M54585KP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54585P MITSUBISHI-M54585P Datasheet
73Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP_06 Datasheet
75Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com