Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3310IB-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL3310IB-T
Description  3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3310IB-T Datasheet(HTML) 6 Page - Intersil Corporation

  ICL3310IB-T Datasheet HTML 1Page - Intersil Corporation ICL3310IB-T Datasheet HTML 2Page - Intersil Corporation ICL3310IB-T Datasheet HTML 3Page - Intersil Corporation ICL3310IB-T Datasheet HTML 4Page - Intersil Corporation ICL3310IB-T Datasheet HTML 5Page - Intersil Corporation ICL3310IB-T Datasheet HTML 6Page - Intersil Corporation ICL3310IB-T Datasheet HTML 7Page - Intersil Corporation ICL3310IB-T Datasheet HTML 8Page - Intersil Corporation ICL3310IB-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Capacitor Selection
The charge pumps require 0.1
µF or greater capacitors for
operation with 3.3V
≤ VCC ≤ 5.5V. Increasing the capacitor
values (by a factor of 2) reduces ripple on the transmitter
outputs and slightly reduces power consumption. C2, C3, and
C4 can be increased without increasing C1’s value, however,
do not increase C1 without also increasing C2, C3, and C4 to
maintain the proper ratios (C1 to the other capacitors).
When using minimum required capacitor values, make sure
that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal
value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and it influences the
amount of ripple on V+ and V-.
Power Supply Decoupling
In most circumstances a 0.1
µF bypass capacitor is
adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a
capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
Transmitter Outputs when Exiting
Powerdown
Figure 5 shows the response of two transmitter outputs
when exiting powerdown mode. As they activate, the two
transmitter outputs properly go to opposite RS-232 levels,
with no glitching, ringing, nor undesirable transients. Each
transmitter is loaded with 3k
Ω in parallel with 2500pF. Note
that the transmitters enable only when the magnitude of the
supplies exceed approximately 3V.
High Data Rates
The ICL3310 maintain the RS-232 ±5V minimum transmitter
output voltages even at high data rates. Figure 6 details a
transmitter loopback test circuit, and Figure 7 illustrates the
loopback test result at 120kbps. For this test, all transmitters
were simultaneously driving RS-232 loads in parallel with
1000pF, at 120kbps. Figure 8 shows the loopback results for
a single transmitter driving 1000pF and an RS-232 load at
250kbps. The static transmitters were also loaded with an
RS-232 receiver.
FIGURE 4. CONNECTIONS FOR MANUAL POWERDOWN
PWR
SHDN
CPU
I/O
ICL3310
MGT
LOGIC
UART
FIGURE 6. TRANSMITTER LOOPBACK TEST CIRCUIT
TIME (20
µs/DIV.)
T1
T2
2V/DIV.
5V/DIV.
VCC = +3.3V
SHDN
FIGURE 5. TRANSMITTER OUTPUTS WHEN EXITING
POWERDOWN
C1 - C4 = 0.1
µF
ICL3310
VCC
C1
C2
C4
C3
+
+
+
+
1000pF
V+
V-
5k
TIN
ROUT
C1+
C1-
C2+
C2-
RIN
TOUT
+
VCC
0.1
µF
VCC
SHDN
ICL3310


Similar Part No. - ICL3310IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310ECA INTERSIL-ICL3310ECA Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310ECA-T INTERSIL-ICL3310ECA-T Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310ECB INTERSIL-ICL3310ECB Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ICL3310ECB-T INTERSIL-ICL3310ECB-T Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
More results

Similar Description - ICL3310IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3310E INTERSIL-ICL3310E Datasheet
351Kb / 10P
   /- 15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitter/Receiver
ISL83384E INTERSIL-ISL83384E Datasheet
289Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
logo
Renesas Technology Corp
ISL83384E RENESAS-ISL83384E Datasheet
542Kb / 9P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
March 15, 2005
logo
Intersil Corporation
ISL83384E INTERSIL-ISL83384E_05 Datasheet
281Kb / 9P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83385E RENESAS-ISL83385E Datasheet
604Kb / 11P
   ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
logo
Intersil Corporation
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
   짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com