Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IRFI5210 Datasheet(PDF) 1 Page - International Rectifier

Part No. IRFI5210
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFI5210 Datasheet(HTML) 1 Page - International Rectifier

  IRFI5210 Datasheet HTML 1Page - International Rectifier IRFI5210 Datasheet HTML 2Page - International Rectifier IRFI5210 Datasheet HTML 3Page - International Rectifier IRFI5210 Datasheet HTML 4Page - International Rectifier IRFI5210 Datasheet HTML 5Page - International Rectifier IRFI5210 Datasheet HTML 6Page - International Rectifier IRFI5210 Datasheet HTML 7Page - International Rectifier IRFI5210 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFI5210
PRELIMINARY
HEXFET® Power MOSFET
PD - 9.1404A
VDSS = -100V
RDS(on) = 0.06Ω
ID = -23A
l Advanced Process Technology
l Isolated Package
l High Voltage Isolation = 2.5KVRMS
…
l Sink to Lead Creepage Dist. = 4.8mm
l P-Channel
l Fully Avalanche Rated
TO-220 FULLPAK
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.4
RθJA
Junction-to-Ambient
–––
65
Thermal Resistance
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 Fullpak eliminates the need for additional
insulating hardware in commercial-industrial applications.
The moulding compound used provides a high isolation
capability and a low thermal resistance between the tab
and external heatsink. This isolation is equivalent to using
a 100 micron mica barrier with standard TO-220 product.
The Fullpak is mounted to a heatsink using a single clip or
by a single screw fixing.
3/16/98
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
-23
ID @ TC = 100°C
Continuous Drain Current, VGS @ -10V
-16
A
IDM
Pulsed Drain Current
†
-140
PD @TC = 25°C
Power Dissipation
63
W
Linear Derating Factor
0.42
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚†
690
mJ
IAR
Avalanche Current
†
-21
A
EAR
Repetitive Avalanche Energy

6.3
mJ
dv/dt
Peak Diode Recovery dv/dt
Ġ
-5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
°C/W
S
D
G


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF7341 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR2905 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF7494 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3303 HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL2703S HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFIZ24G HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL3202 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3716 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF7328 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn