Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS5170N7 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDS5170N7
Description  60V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS5170N7 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS5170N7 Datasheet HTML 1Page - Fairchild Semiconductor FDS5170N7 Datasheet HTML 2Page - Fairchild Semiconductor FDS5170N7 Datasheet HTML 3Page - Fairchild Semiconductor FDS5170N7 Datasheet HTML 4Page - Fairchild Semiconductor FDS5170N7 Datasheet HTML 5Page - Fairchild Semiconductor FDS5170N7 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
May 2003
2002 Fairchild Semiconductor Corporation
FDS5170N7 Rev C1(W)
FDS5170N7
60V N-Channel PowerTrenchMOSFET
General Description
This
N-Channel
MOSFET
has
been
designed
specifically to improve the overall efficiency of DC/DC
converters using either synchronous or conventional
switching PWM controllers. It has been optimized for
“low side” synchronous rectifier operation, providing an
extremely low RDS(ON) in a small package.
Applications
• Synchronous rectifier
• DC/DC converter
Features
• 10.6 A, 60 V. RDS(ON) = 12 mΩ @ VGS = 10 V
RDS(ON) = 15 mΩ @ VGS = 6.0 V
• High performance trench technology for extremely
low RDS(ON)
• High power and current handling capability
• Fast switching, low gate charge (51nC typical)
• FLMP SO-8 package: Enhanced thermal
performance in industry-standard package size
4
3
2
1
5
6
7
8
Bottom-side
Drain Contact
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
60
V
VGSS
Gate-Source Voltage
± 20
V
ID
Drain Current – Continuous
(Note 1a)
10.6
A
– Pulsed
50
PD
Power Dissipation for Single Operation
(Note 1a)
3.0
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
40
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
0.5
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS5170N7
FDS5170N7
13’’
12mm
2500 units


Similar Part No. - FDS5170N7

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS516 FS-FDS516 Datasheet
532Kb / 4P
   FAST SWITCHING DIODE
More results

Similar Description - FDS5170N7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com