Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5929LHEEG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5929LHEEG
Description  Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5929LHEEG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5929LHEEG Datasheet HTML 5Page - Maxim Integrated Products MAX5929LHEEG Datasheet HTML 6Page - Maxim Integrated Products MAX5929LHEEG Datasheet HTML 7Page - Maxim Integrated Products MAX5929LHEEG Datasheet HTML 8Page - Maxim Integrated Products MAX5929LHEEG Datasheet HTML 9Page - Maxim Integrated Products MAX5929LHEEG Datasheet HTML 10Page - Maxim Integrated Products MAX5929LHEEG Datasheet HTML 11Page - Maxim Integrated Products MAX5929LHEEG Datasheet HTML 12Page - Maxim Integrated Products MAX5929LHEEG Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Detailed Description
The MAX5927/MAX5929 are circuit-breaker ICs for hot-
swap applications where a line card is inserted into a
live backplane. The MAX5927/MAX5929 operate down
to 1V provided one of the inputs is above 2.7V.
Normally, when a line card is plugged in to a live back-
plane, the card’s discharged filter capacitors provide
low impedance that can momentarily cause the main
power supply to collapse. The MAX5927/MAX5929
reside either on the backplane or on the removable
card to provide inrush current limiting and short-circuit
protection. This is achieved by using external N-chan-
nel MOSFETs, external current-sense resistors, and on-
chip comparators. The startup period and current-limit
threshold of the MAX5927/MAX5929 can be adjusted
with external resistors. Figure 1 shows the MAX5927/
MAX5929 functional diagram.
The MAX5927 offers four programmable current limits,
selectable fault management mode, and selectable
STAT_ output polarity. The MAX5929 features fixed cur-
rent limits, and a variety of fault management and
STAT_ polarity option combinations.
Mode
The MAX5927/MAX5929 supports three modes of oper-
ation: voltage-tracking, power-sequencing, and inde-
pendent mode. Select the appropriate mode according
to Table 1.
Voltage-Tracking Mode
Connect MODE high to enter voltage-tracking mode.
While in voltage-tracking mode, all channels turn on
and off together. To turn all channels on:
• At least one VIN_ must exceed VUVLO (2.45V) for the
UVLO to startup delay (37.5ms).
• All VIN_ must exceed VPWRRDY (0.95V).
• All VON_ must exceed VON,TH (0.875V).
• No faults may be present on any channel.
Low-Voltage, Quad, Hot-Swap
Controllers/Power Sequencers
_______________________________________________________________________________________
9
MODE
OPERATION
High (Connect to BIAS)
Voltage tracking
OPEN
Power sequencing
GND
Independent
Table 1. Operational Mode Selection
PIN
MAX5927
MAX5929
NAME
FUNCTION
21
LIM3
Channel 3 Current-Limit Setting. Connect a resistor from LIM3 to GND to set current-trip
level. Connect to GND for the default 25mV threshold. Do not leave open.
22
20
GATE2
Channel 2 Gate-Drive Output. Connect to gate of external N-channel MOSFET.
23
21
SENSE2
Channel 2 Current-Sense Input. Connect SENSE2 to the drain of an external MOSFET
and to one end of RSENSE2.
24
22
IN2
Channel 2 Supply Input. Connect to a supply voltage from 1V to 13.2V and to one end of
RSENSE2.
25
LIM2
Channel 2 Current-Limit Setting. Connect a resistor from LIM2 to GND to set the current-
trip level. Connect to GND for the default 25mV threshold. Do not leave open.
26
23
ON4
On/Off Channel 4 Control Input (see the Mode section)
27
24
ON3
On/Off Channel 3 Control Input (see the Mode section)
28
1
MODE
Mode Configuration Input. Mode is configured according to Table 1 as soon as one of
the IN_ voltages exceeds UVLO and before turning on OUT_ (see the Mode section).
29
POL
STAT Output Polarity Select (See Table 3 and the Status Output Section)
30
2
ON2
On/Off Channel 2 Control Input (See the Mode Section)
31
3
ON1
On/Off Channel 1 Control Input (See the Mode Section)
32
LIM1
Channel 1 Current-Limit Setting. Connect a resistor from LIM1 to GND to set the current-
trip level. Connect to GND for the default 25mV threshold. Do not leave open.
EP
EP
Exposed Pad. Leave EP floating or connect to GND.
Pin Description (continued)


Similar Part No. - MAX5929LHEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5929AEEG MAXIM-MAX5929AEEG Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
MAX5929BEEG MAXIM-MAX5929BEEG Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
MAX5929CEEG MAXIM-MAX5929CEEG Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
MAX5929DEEG MAXIM-MAX5929DEEG Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
More results

Similar Description - MAX5929LHEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5927 MAXIM-MAX5927 Datasheet
692Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 8/03
MAX5927A MAXIM-MAX5927A Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
MAX5904 MAXIM-MAX5904 Datasheet
526Kb / 22P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
19-2238; Rev 2; 11/03
MAX5904 MAXIM-MAX5904_V01 Datasheet
634Kb / 24P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
2005
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589 Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
logo
Linear Technology
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1 Datasheet
273Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com