Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5868EVKIT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5868EVKIT
Description  Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5868EVKIT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5868EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 10Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 11Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 12Page - Maxim Integrated Products MAX5868EVKIT Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Maxim Integrated │ 9
www.maximintegrated.com
Evaluates: MAX5868
MAX5868 Evaluation Kit
3) Load the FPGA configuration
a. Select the
VC707 & Setup tab
b. Click on the
Xilinx Impact Tool Installed checkbox
(Figure 4) and a
File Browser window will open
i. Browse to the directory where the impact.exe
program is located. If the default installation
location was used for the Xilinx Lab Tools, the
path will be:
● For a 32-bit OS –
C:\Xilinx\14.7\Lab-
Tools\LabTools\bin\nt
● For a 64-bit OS –
C:\Xilinx\14.7\Lab-
Tools\LabTools\bin\nt64
ii. Select the
impact.exe file
c. Click the
Load FPGA Configuration File button.
A file browser will open in the
C:\maximintegrat-
ed\MAX5868EVKIT\VC707Files folder.
d. Select the
VC707FPGA_6Apr2017.bit file. A
progress bar will display while the FPGA is
configured, should take less than 2 minutes.
After completing the FPGA configuration, the PC will
establish a connection to the new USB2.0 port on the
FPGA. It should appear as a
USB Mass Storage Device
in
Device Manager (Figure 5).
Note: Before proceeding, ensure any USB flash drives
have been ejected from the PC.
4) Update the USB 2.0 port driver
a. Open the
Windows Device Manager
i. With Windows 7, under
Control Panel, click on
Device Manager.
b. Select the
USB Mass Storage Device and right-click
to select the
Update Driver Software… option.
c. Select
Browse my computer for driver software.
d. Select
Let me pick from a list of devices on my
computer.
e. Select the
USB Mass Storage Device, then click
the
Have Disk button.
f. Click the
Browse button in the Load from Disk
pop-up window.
g. Browseto:
C:\MaximIntegrated\MAX5868EVKIT\
AppFiles\ThirdParty\USB_MS_Bulk_Transfer
and select the
USB_MS_Bulk_Transfer.inf file.
The window will now indicate “This driver is not
digitally signed!”
h. Click on the
Next button. A final window will pop-
up, stating: “Windows can’t verify the publisher of
this driver software”.
i. Click on the
Install this driver software anyway
selection.
j. The MAX5868 software may show a window
indicating it has encountered a problem; click on
the
Close button to continue.
5) Reboot the PC and power-cycle the FPGA and EV kit
system.
a. Turn off the VC707 by sliding switch Main Power
Switch to the OFF position
b. Reboot the PC
After the PC has booted, the drivers will be properly
configured for use with the MAX5868 software. Once
the FPGA is programmed, the GUI Status Bar (bottom of
window) should indicate the active connections as shown
in Figure 6.
Figure 4. FPGA Configuration
Figure 5. Device Manager Window
Figure 6. FPGA Connected


Similar Part No. - MAX5868EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5861 MAXIM-MAX5861 Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5861EVKIT MAXIM-MAX5861EVKIT Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
MAX5863E/D MAXIM-MAX5863E/D Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
MAX5863ETM MAXIM-MAX5863ETM Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
More results

Similar Description - MAX5868EVKIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4566 STMICROELECTRONICS-AN4566 Datasheet
369Kb / 19P
   Extending the DAC performance of STM32 microcontrollers
logo
Maxim Integrated Produc...
MAX8546EVKIT MAXIM-MAX8546EVKIT Datasheet
479Kb / 6P
   Evaluates the MAX8545, MAX8546, and MAX8548
Rev 0a; 8/03
MAX7034 MAXIM-MAX7034_V01 Datasheet
833Kb / 14P
   Evaluates the MAX7036 Sub-1GHz ISM Receiver
2021
MAX41470EVKIT MAXIM-MAX41470EVKIT Datasheet
10Mb / 43P
   Evaluates the MAX4147X Sub-1GHz ISM Receiver
Rev 1; 10/20
MAX38643AEVK MAXIM-MAX38643AEVK Datasheet
459Kb / 6P
   Evaluates the MAX38643A in a 6-pin WLP
Rev 1; 7/19
logo
ESS Technology,Inc
ES9008 ESS-ES9008 Datasheet
479Kb / 2P
   Highest Performance Audio DAC
logo
Maxim Integrated Produc...
MAX38800EVKIT MAXIM-MAX38800EVKIT_V01 Datasheet
1Mb / 15P
   Evaluates: MAX38800
2018
MAX40023EVKIT MAXIM-MAX40023EVKIT Datasheet
753Kb / 7P
   Evaluates: MAX40023
2021
MAX33072EVKIT MAXIM-MAX33072EVKIT Datasheet
960Kb / 10P
   Evaluates: MAX33072E
2020
MAX38642A MAXIM-MAX38642A Datasheet
427Kb / 6P
   Evaluates the MAX38642A in a 6-Pin WLP
Rev 1; 7/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com