Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5929LLEEG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5929LLEEG
Description  Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5929LLEEG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5929LLEEG Datasheet HTML 4Page - Maxim Integrated Products MAX5929LLEEG Datasheet HTML 5Page - Maxim Integrated Products MAX5929LLEEG Datasheet HTML 6Page - Maxim Integrated Products MAX5929LLEEG Datasheet HTML 7Page - Maxim Integrated Products MAX5929LLEEG Datasheet HTML 8Page - Maxim Integrated Products MAX5929LLEEG Datasheet HTML 9Page - Maxim Integrated Products MAX5929LLEEG Datasheet HTML 10Page - Maxim Integrated Products MAX5929LLEEG Datasheet HTML 11Page - Maxim Integrated Products MAX5929LLEEG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Low-Voltage, Quad, Hot-Swap
Controllers/Power Sequencers
8
_______________________________________________________________________________________
Pin Description
PIN
MAX5927
MAX5929
NAME
FUNCTION
14
IN1
Channel 1 Supply Input. Connect to a supply voltage from 1V to 13.2V and to one end of
RSENSE1. Bypass with a 0.1µF capacitor to ground.
25
SENSE1
Channel 1 Current-Sense Input. Connect SENSE1 to the drain of an external MOSFET
and to one end of RSENSE1.
36
GATE1
Channel 1 Gate-Drive Output. Connect to gate of external N-channel MOSFET.
4—
LIM4
Channel 4 Current-Limit Setting. Connect a resistor from LIM4 to GND to set current-trip
level. Connect to GND for the default 25mV threshold. Do not leave open.
57
IN4
Channel 4 Supply Input. Connect to a supply voltage from 1V to 13.2V and to one end of
RSENSE4. Bypass with a 0.1µF capacitor to ground.
68
SENSE4
Channel 4 Current-Sense Input. Connect SENSE4 to the drain of an external MOSFET
and to one end of RSENSE4.
79
GATE4
Channel 4 Gate-Drive Output. Connect to gate of external N-channel MOSFET.
810
STAT1
Open-Drain Status Signal for Channel 1. STAT1 asserts when hot swap is successful and
tSTART has elapsed. STAT1 deasserts if ON1 is low, or if channel 1 is turned off for any
fault condition.
911
STAT2
Open-Drain Status Signal for Channel 2. STAT2 asserts when hot swap is successful and
tSTART has elapsed. STAT2 deasserts if ON2 is low, or if channel 2 is turned off for any
fault condition.
10
12
TIM
Startup Timer Setting. Connect a resistor from TIM to GND to set the startup period.
Leave TIM unconnected for the default startup period of 9ms. RTIM must be between
4k
Ω and 500kΩ.
11, 20
N.C.
No Connection. Not internally connected.
12
LATCH
Latch/Autoretry Selection Input. Connect LATCH to GND for autoretry mode after a fault.
Leave LATCH open for latch mode.
13
13
STAT3
Open-Drain Status Signal for Channel 3. STAT3 asserts when hot swap is successful and
tSTART has elapsed. STAT3 deasserts if ON3 is low, or if channel 3 is turned off for any
fault condition.
14
14
STAT4
Open-Drain Status Signal for Channel 4. STAT4 asserts when hot swap is successful and
tSTART has elapsed. STAT4 deasserts if ON4 is low, or if channel 4 is turned off for any
fault condition.
15
15
BIAS
Supply Reference Output. The highest supply is available at BIAS for filtering. Connect a
1nF to 10nF ceramic capacitor from BIAS to GND. No other connections are allowed to
this pin.
16
16
GND
Ground
17
17
GATE3
Channel 3 Gate-Drive Output. Connect to gate of external N-channel MOSFET.
18
18
SENSE3
Channel 3 Current-Sense Input. Connect SENSE3 to the drain of an external MOSFET
and to one end of RSENSE3.
19
19
IN3
Channel 3 Supply Input. Connect to a supply voltage from 1V to 13.2V and to one end of
RSENSE3.


Similar Part No. - MAX5929LLEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5929AEEG MAXIM-MAX5929AEEG Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
MAX5929BEEG MAXIM-MAX5929BEEG Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
MAX5929CEEG MAXIM-MAX5929CEEG Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
MAX5929DEEG MAXIM-MAX5929DEEG Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
More results

Similar Description - MAX5929LLEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5927 MAXIM-MAX5927 Datasheet
692Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 8/03
MAX5927A MAXIM-MAX5927A Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
MAX5904 MAXIM-MAX5904 Datasheet
526Kb / 22P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
19-2238; Rev 2; 11/03
MAX5904 MAXIM-MAX5904_V01 Datasheet
634Kb / 24P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
2005
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589 Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
logo
Linear Technology
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1 Datasheet
273Kb / 32P
   Negative Low Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com