Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


MC100ES6111 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MC100ES6111
Description  LOW VOLTAGE 2.5/3.3V DIFFIERENTIAL ECL / PECL/ HSTL FANOUT BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

 
 5 page
background image
MC100ES6111
TIMING SOLUTIONS
5
MOTOROLA
Table 6. ECL DC Characteristics (VEE = -2.5V ± 5% or VEE = -3.3V ± 5%, VCC = GND, TJ = 0°C to + 110°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
Control input CLK_SEL
VIL
Input voltage low
-1.810
-1.475
V
VIH
Input voltage high
-1.165
-0.880
V
IIN
Input Currenta
100
µA
VIN = VIL or VIN = VIH
Clock input pair CLKA, CLKA, CLKB, CLKB (ECL differential signals)
VPP
Differential input voltageb
0.1
1.3
V
Differential operation
VCMR
Differential cross point voltagec
VEE + 1.0
-0.3
V
Differential operation
IIN
Input Currenta
100
µA
VIN = VIL or VIN = VIH
ECL clock outputs (Q0-9, Q0-9)
VOH
Output High Voltage
-1.2
-1.005
-0.7
V
IOH = –30 mAd
VOL
Output Low Voltage
VEE = –3.3V±5%
VEE = –2.5V±5%
-1.9
-1.9
-1.705
-1.705
-1.5
-1.3
V
IOL = –5 mAd
Supply current and VBB
IEE
Maximum Quiescent Supply Current
without output termination currente
100
mA
VEE pin
VBB
Output reference voltage
VCC-1.4
VCC-1.2
V
IBB = 200 µA
a. Input have internal pullup/pulldown resistors which affect the input current
b. VPP (DC) is the minimum differential input voltage swing required to maintain device functionality
c. VCMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC)
range and the input swing lies within the VPP (DC) specification.
d. Equivalent to a termination of 50
W to VTT.
e. ICC calculation: ICC = (number of differential output pairs used) x (IOH + IOL) + IEE
ICC = (number of differential output pairs used) x (VOH – VTT)/Rload + (VOL – VTT)/Rload + IEE.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC100ES6221Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC100ES6210Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC100ES6220Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC100ES8111Low Voltage 1:10 Differential HSTL Clock Fanout Buffer 1 2 3 4 5 MoreMotorola, Inc
MC100ES6222Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer 1 2 3 4 5 MoreMotorola, Inc
ICS85310I-01LOW SKEW 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS85310I-11LOW SKEW 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS85310I-21LOW SKEW DUAL 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Circuit Systems
ICS85311Low Skew 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer 1 2 3 4 5 MoreIntegrated Circuit Systems
MC100LVE210Low Voltage Dual 1:4 1:5 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl