Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6111 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC100ES6111
Description  LOW VOLTAGE 2.5/3.3V DIFFIERENTIAL ECL / PECL/ HSTL FANOUT BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100ES6111 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC100ES6111 Datasheet HTML 3Page - Motorola, Inc MC100ES6111 Datasheet HTML 4Page - Motorola, Inc MC100ES6111 Datasheet HTML 5Page - Motorola, Inc MC100ES6111 Datasheet HTML 6Page - Motorola, Inc MC100ES6111 Datasheet HTML 7Page - Motorola, Inc MC100ES6111 Datasheet HTML 8Page - Motorola, Inc MC100ES6111 Datasheet HTML 9Page - Motorola, Inc MC100ES6111 Datasheet HTML 10Page - Motorola, Inc MC100ES6111 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC100ES6111
TIMING SOLUTIONS
7
MOTOROLA
APPLICATIONS INFORMATION
Understanding the junction temperature range of the
MC100ES6111
To make the optimum use of high clock frequency and low
skew capabilities of the MC100ES6111, the MC100ES6111 is
specified, characterized and tested for the junction
temperature range of TJ=0°C to +110°C. Because the exact
thermal performance depends on the PCB type, design,
thermal management and natural or forced air convection,
the junction temperature provides an exact way to correlate
the application specific conditions to the published
performance data of this datasheet. The correlation of the
junction temperature range to the application ambient
temperature range and vice versa can be done by
calculation:
TJ = TA + Rthja ⋅ Ptot
Assuming a thermal resistance (junction to ambient) of
54.4
°C/W (2s2p board, 200 ft/min airflow, see table 4) and a
typical power consumption of 610 mW (all outputs terminated
50 ohms to VTT, VCC=3.3V, frequency independent), the
junction temperature of the MC100ES6111 is approximately
TA + 33 °C, and the minimum ambient temperature in this
example case calculates to -33
°C (the maximum ambient
temperature is 77
°C. See Table 8). Exceeding the minimum
junction temperature specification of the MC100ES6111
does not have a significant impact on the device functionality.
However, the continuous use the MC100ES6111 at high
ambient temperatures requires thermal management to not
exceed the specified maximum junction temperature. Please
see the application note AN1545 for a power consumption
calculation guideline.
Table 8: Ambient temperature ranges (Ptot = 610 mW)
Rthja (2s2p board)
TA, mina
TA, max
Natural convection
59.0
°C/W
-36
°C
74
°C
100 ft/min
54.4
°C/W
-33
°C
77
°C
200 ft/min
52.5
°C/W
-32
°C
78
°C
400 ft/min
50.4
°C/W
-30
°C
79
°C
800 ft/min
47.8
°C/W
-29
°C
81
°C
a. The MC100ES6111 device function is guaranteed from TA=-40 °C
to TJ=110 °C
Maintaining Lowest Device Skew
The MC100ES6111 guarantees low output-to-output bank
skew of 35 ps and a part-to-part skew of max. 250 ps. To
ensure low skew clock signals in the application, both outputs
of any differential output pair need to be terminated
identically, even if only one output is used. When fewer than
all nine output pairs are used, identical termination of all
output pairs within the output bank is recommended. If an
entire output bank is not used, it is recommended to leave all
of these outputs open and unterminated. This will reduce the
device power consumption while maintaining minimum
output skew.
Power Supply Bypassing
The MC100ES6111 is a mixed analog/digital product. The
differential architecture of the MC100ES6111 supports low
noise signal operation at high frequencies. In order to
maintain its superior signal quality, all VCC pins should be
bypassed by high-frequency ceramic capacitors connected
to GND.
If the spectral frequencies of the internally
generated switching noise on the supply pins cross the series
resonant point of an individual bypass capacitor, its overall
impedance begins to look inductive and thus increases with
increasing frequency. The parallel capacitor combination
shown ensures that a low impedance path to ground exists
for frequencies well above the noise bandwidth.
Figure 2. VCC Power Supply Bypass
VCC
MC100ES6111
VCC
33...100 nF
0.1 nF


Similar Part No. - MC100ES6111

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES6130 MOTOROLA-MC100ES6130 Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Renesas Technology Corp
MC100ES6130 RENESAS-MC100ES6130 Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Motorola, Inc
MC100ES6130DT MOTOROLA-MC100ES6130DT Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
logo
Renesas Technology Corp
MC100ES6130DT RENESAS-MC100ES6130DT Datasheet
597Kb / 10P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
2019
logo
Motorola, Inc
MC100ES6130DTR2 MOTOROLA-MC100ES6130DTR2 Datasheet
280Kb / 8P
   2.5/3.3V 1:4 PECL Clock Driver with 2:1 Input MUX
More results

Similar Description - MC100ES6111

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
   Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
logo
Freescale Semiconductor...
MC100ES6210 FREESCALE-MC100ES6210 Datasheet
226Kb / 8P
   Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
   Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
   Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
8T33FS6111 RENESAS-8T33FS6111 Datasheet
1,014Kb / 29P
   Low Voltage 2.5V/3.3V Differential LVPECL/HSTL Fanout Buffer
12/02/14
logo
Texas Instruments
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
[Old version datasheet]   2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com