Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC1G00DTT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC1G00DTT1G
Description  Single 2-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G00DTT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC1G00DTT1G Datasheet HTML 1Page - ON Semiconductor MC74HC1G00DTT1G Datasheet HTML 2Page - ON Semiconductor MC74HC1G00DTT1G Datasheet HTML 3Page - ON Semiconductor MC74HC1G00DTT1G Datasheet HTML 4Page - ON Semiconductor MC74HC1G00DTT1G Datasheet HTML 5Page - ON Semiconductor MC74HC1G00DTT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74HC1G00
http://onsemi.com
4
VCC
GND
50%
50%
INPUT
A or B
OUTPUT Y
tPHL
tPLH
*Includes all probe and jig capacitance.
A 1−MHz square input wave is recommended for
propagation delay tests.
Figure 4. Switching Waveforms
Figure 5. Test Circuit
90%
10%
90%
10%
tTLH
tTHL
tr
tf
CL*
INPUT
VCC
OUTPUT
DEVICE ORDERING INFORMATION
Device Nomenclature
Device Order
Number
Logic
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape and
Reel
Suffix
Package
Type
Tape and
Reel Size
MC74HC1G00DFT1
MC
74
HC1G
00
DF
T1
SC70−5/SC−88A/
SOT−353
178 mm (7 in)
3000 Unit
MC74HC1G00DFT1G
MC
74
HC1G
00
DF
T1
SC70−5/SC−88A/
SOT−353
(Pb−Free)
178 mm (7 in)
3000 Unit
MC74HC1G00DFT2
MC
74
HC1G
00
DF
T2
SC70−5/SC−88A/
SOT−353
178 mm (7 in)
3000 Unit
MC74HC1G00DFT2G
MC
74
HC1G
00
DF
T2
SC70−5/SC−88A/
SOT−353
(Pb−Free)
178 mm (7 in)
3000 Unit
MC74HC1G00DTT1
MC
74
HC1G
00
DT
T1
SOT23−5/TSOP−5/
SC59−5
178 mm (7 in)
3000 Unit
MC74HC1G00DTT1G
MC
74
HC1G
00
DT
T1
SOT23−5/TSOP−5/
SC59−5
(Pb−Free)
178 mm (7 in)
3000 Unit
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC74HC1G00DTT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G00DTT1G ONSEMI-MC74HC1G00DTT1G Datasheet
118Kb / 6P
   Single 2-Input NAND Gate
June, 2013 ??Rev. 11
MC74HC1G00DTT1G ONSEMI-MC74HC1G00DTT1G Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74HC1G00DTT1G ONSEMI-MC74HC1G00DTT1G Datasheet
291Kb / 10P
   Single 2-Input NAND Gate
April, 2022 ??Rev. 16
More results

Similar Description - MC74HC1G00DTT1G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com