Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100LVEL16M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 100LVEL16M
Description  3.3V ECL Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100LVEL16M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  100LVEL16M Datasheet HTML 1Page - Fairchild Semiconductor 100LVEL16M Datasheet HTML 2Page - Fairchild Semiconductor 100LVEL16M Datasheet HTML 3Page - Fairchild Semiconductor 100LVEL16M Datasheet HTML 4Page - Fairchild Semiconductor 100LVEL16M Datasheet HTML 5Page - Fairchild Semiconductor 100LVEL16M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
LVNECL DC Electrical Characteristics V
CC = 0.0V; VEE = −3.3V (Note 6)
Note 6: Input and output parameters vary 1 to 1 with VCC. VEE can vary ±0.3V.
Note 7: Outputs are terminated through a 50
Ω Resistor to V
CC − 2.0V.
Note 8: VIHCMR minimum varies 1 to 1 with VEE. VIHCMR maximum varies 1-to-1 with VCC. The VIHCMR range is referenced to the most positive side of the
differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPMIN and
1V.
Note 9: Absolute value of the input HIGH and LOW current should not exceed the absolute value of the stated Min or Max specification.
Note: Devices are designed to meet the DC specifications after thermal equilibrium has been established. Circuit is tested with air flow greater than
500LFPM maintained.
100LVEL16 AC Electrical Characteristics V
CC = 3.3V; VEE = 0.0V or VCC = 0.0V; VEE = −3.3V
(Note 10) (Note 11)
Note 10: VEE can vary ± 0.3V.
Note 11: Measured using a 750 mV input swing centered at VCC - 1.32V; 50% duty cycle clock source; tr = tf = 250 ps (20% - 80%) at fIN = 1 MHz. All loading
with 50
Ω to V
CC − 2.0V.
Note 12: Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device under identical conditions.
Symbol
Parameter
−40°C25°C85°C
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
17
23
17
23
18
24
mA
VOH
Output HIGH Voltage (Note 7)
−1085
−1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 7)
−1830
−1695
−1555
−1810
−1705
−1620
−1810
−1705
−1620
mV
VIH
Input HIGH Voltage (Single Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single Ended)
−1810
−1475
−1810
−1475
−1810
-1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 8)
VPP < 500mV
−2.5
−0.4
−2.5
−0.4
−2.5
−0.4
V
VPP ≥ 500mV
−1.8
−0.4
−1.9
−0.4
−1.9
−0.4
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
D
0.5
0.5
0.5
µA
D
−600
−600
−600
Symbol
Parameter
−40°C25°C85°C
Units
Figure
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Number
fMAX
Maximum Toggle Frequency
TBD
TBD
TBD
GHz
tPLH, tPHL Propagation Delay to Output (Diff)
150
275
400
225
300
375
240
315
390
ps
Figures
1, 3
(SE)
100
275
450
175
300
425
190
315
440
tSKEW
Duty Cycle Skew (Note 12)
5
30
5
20
5
20
ps
tJITTER
Cycle-to-Cycle Jitter
TBD
TBD
TBD
ps
VPP
Input Swing
150
1000
150
1000
150
1000
mV
Figure 1
tr, tf
Output Rise Times Q (20% to 80%)
120
220
320
120
220
320
120
220
320
ps
Figure 2


Similar Part No. - 100LVEL16M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
100LVEL11M FAIRCHILD-100LVEL11M Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
100LVEL11M8 FAIRCHILD-100LVEL11M8 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
More results

Similar Description - 100LVEL16M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_06 Datasheet
142Kb / 9P
   3.3V ECL Differential Receiver
December, 2006 ??Rev. 5
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com