Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2702 Datasheet(PDF) 3 Page - MTRONPTI

Part # M2702
Description  SPECIFICATION FOR 5.0x7.0mm LVPECL/LVDS SMT OSCILLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M2702 Datasheet(HTML) 3 Page - MTRONPTI

  M2702 Datasheet HTML 1Page - MTRONPTI M2702 Datasheet HTML 2Page - MTRONPTI M2702 Datasheet HTML 3Page - MTRONPTI M2702 Datasheet HTML 4Page - MTRONPTI M2702 Datasheet HTML 5Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M2702/M2703 Series
SPECIFICATION FOR 5.0x7.0mm LVPECL/LVDS SMT OSCILLATOR
Page 3 of 5
The information contained herein is proprietary to MtronPTI and is submitted in confidence.
This information may not be copied or divulged without written permission from MtronPTI.
Marking, Pin Out:
Dimensions:
Output Waveform:
Pad
Function
1
Enable/Disable
2
No Connection
3
Ground
4
Output
5
Complementary Output
6
+VCC
Part Marking
Line 1
[part designation]
Line 2
FFFMFFFF
Line 3
M yy ww vv
Legend
M
MtronPTI
F
Frequency
yy
Year
ww
Work Week
vv
Factory code


Similar Part No. - M2702

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2700 MTRONPTI-M2700 Datasheet
276Kb / 5P
   CMOS Output
M2701 MTRONPTI-M2701 Datasheet
276Kb / 5P
   CMOS Output
logo
VBsemi Electronics Co.,...
M2701 VBSEMI-M2701 Datasheet
607Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
Enercon Technologies Eu...
M2701 ENERCON-M2701 Datasheet
705Kb / 6P
   3-PHASE AC/DC POWER SUPPLY
May 29, 2022
M2703 ENERCON-M2703 Datasheet
627Kb / 5P
   3-PHASE AC/DC POWER SUPPLY
Nov 16, 2023
More results

Similar Description - M2702

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
   LVPECL , LVDS OSCILLATOR
9/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
   LVPECL,LVDS Oscillator
01/08/05
logo
Connor-Winfield Corpora...
P123-155.52 CONNOR-WINFIELD-P123-155.52 Datasheet
130Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
PM112-155.52M CONNOR-WINFIELD-PM112-155.52M Datasheet
145Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
L143-155.52 CONNOR-WINFIELD-L143-155.52 Datasheet
119Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
LM112-155.52M CONNOR-WINFIELD-LM112-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
   LVPECL, LVDS Crystal Oscillator
02/28/20
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
   LVPECL, LVDS Crystal Oscillator
logo
Advanced Crystal Techno...
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
   LVPECL , PECL , LVDS OSCILLATOR
9-11-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com