Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD431090C Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CD431090C
Description  Dual SCR Isolated Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD431090C Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CD431090C Datasheet HTML 1Page - Powerex Power Semiconductors CD431090C Datasheet HTML 2Page - Powerex Power Semiconductors CD431090C Datasheet HTML 3Page - Powerex Power Semiconductors CD431090C Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOKTM
http://www.pwrx.com
Dual SCR Isolated Module
90 Amperes / Up to 1800 Volts
Revision Date: 03/30/2015
CD43__90C
®
BB
CD43__90C Outline Dimensions
Dimension
Inches
Millimeters
A
3.62
92
B
0.83
21
C
3.15
80
D
1.18
30
F
0.83
21
G
0.79
20
H
0.79
20
J
0.57
14.5
K
0.24
6.2
L
0.63
16
M
0.51
13
N
0.33
8.5
P
0.16
4
Q
0.22
5.6
S
0.11 x .02
2.8 x 0.5
U
M5
M5
Note: Dimensions are for reference only.
CD43__90C
Dual SCR Isolated
POW-R-BLOKTM Module
90 Amperes / Up to 1800 Volts
Description:
Powerex Dual SCR Modules are
designed for use in applications
requiring phase control and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
Features:
 Electrically Isolated Heatsinking
 Compression Bonded for Increased
Power Cycling Capability
 Low Thermal Impedance
For Improved Current Capability
 RoHS Compliant
 UL Recognized (E78240)
Benefits:
 No Additional Insulation
Components Required
 Easy Installation
 No Clamping Components
Required
 Reduce Engineering Time
Applications:
 Bridge Circuits
 AC & DC Motor Drives
 Battery Supplies
 Power Supplies
 Large IGBT Circuit Front Ends
 Lighting Control
 Heat & Temperature Control
 Welders
Ordering Information:
Select the complete nine digit module
part number from the table below.
Example: CD431690C is a 1600Volt,
90 Ampere Dual SCR Isolated
POW-R-BLOKTM Module
Type
Voltage
Volts
(x100)
Current
Amperes
Version
CD43
08
12
14
16
18
90
C


Similar Part No. - CD431090C

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD431090B POWEREX-CD431090B Datasheet
308Kb / 4P
   Dual SCR Isolated Module
More results

Similar Description - CD431090C

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CD630815B POWEREX-CD630815B Datasheet
113Kb / 4P
   Dual SCR Isolated Module
ND430625 POWEREX-ND430625_12 Datasheet
144Kb / 5P
   Dual SCR Isolated Module
CD430890B POWEREX-CD430890B Datasheet
308Kb / 4P
   Dual SCR Isolated Module
LDR30850 POWEREX-LDR30850 Datasheet
471Kb / 5P
   Dual SCR Isolated Module
PD431207 POWEREX-PD431207_12 Datasheet
373Kb / 5P
   Dual SCR Isolated Module
LD431843 POWEREX-LD431843 Datasheet
324Kb / 5P
   Dual SCR Isolated Module
CD631815C POWEREX-CD631815C Datasheet
486Kb / 4P
   Dual SCR Isolated Module
PD432006 POWEREX-PD432006_12 Datasheet
374Kb / 5P
   Dual SCR Isolated Module
ND430821 POWEREX-ND430821_12 Datasheet
140Kb / 4P
   Dual SCR Isolated Module
ND470625 POWEREX-ND470625_12 Datasheet
142Kb / 5P
   Dual SCR/Diode Isolated Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com