Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

3SMBJ5916B Datasheet(HTML) 3 Page - Micro Commercial Components

Part No. 3SMBJ5916B
Description  3.0 Watt Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

3SMBJ5916B Datasheet(HTML) 3 Page - Micro Commercial Components

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
Fig. 4-PULSE RATING CURVE
200
100
70
50
30
20
10
7
5
3
2
5
7
10
20
30
50
70
100
IZ (dc) =1mA
10mA
20mA
IZ (ms) = 0.1 IZ (dc)
VZ, ZENER VOLTAGE (VOLTS)
1K
500
300
200
100
50
30
20
10
.1
.2 .3
5
1
2 3 5
10
20
50
100
RECTANGULAR NONREPETITIVE
WAVEFORM TJ = 25 C PRIOR TO
INITIAL PULSE
PW, PULSE WIDTH(ms)
www.mccsemi.com
3 of 4
Revision: A
2018/01/01
Micro Commercial Components
M C C
R
RATING AND CHARACTERISTICS CURVES
2.5
2
1.5
1
0.5
0
20
40
60
80
100
20
120
1
50
150
1
TL, LEAD TEMPERATURE (
C )
8
6
4
2
0
-2
-4
3
4
6
8
10
12
VZ@IZT
Fig. 1-STEADY STATE POWER DERATING
VZ, ZENER VOLTAGE (VOLTS)
Fig. 2-ZENER VOLTAGE-
3.3 TO 4.7 VOLTS
3
Fig.
3-EFFECT OF ZENER VOLTAGE


Html Pages

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn