Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C11LS Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BZT52C11LS
Description  200 mW Zener Diode 2.4 to 39 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZT52C11LS Datasheet(HTML) 2 Page - Micro Commercial Components

  BZT52C11LS Datasheet HTML 1Page - Micro Commercial Components BZT52C11LS Datasheet HTML 2Page - Micro Commercial Components BZT52C11LS Datasheet HTML 3Page - Micro Commercial Components BZT52C11LS Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25 C
(1) Device mounted on ceramic PCB: 7.6mm x 9.4mm x 0.87mm with pad areas 25 mm
2
(2) f=1KHz
ZENER VOLTAGE
VZ
(1)
VOLTS
Maximum Zener
Impedance
(2)
ZZT(OHMS)
Maximum Zener
Impedance
(2)
ZZK (OHMS)
REVERSE
CURRENT
IR (Max) @
VR
Typical
Temperature
Coefficent
@ IZTC
Type
Min.
Nom
Max.
IZT(mA)
Max.
IZK(mA)
Max.
µA
V
mV/
Marking
BZT52C2V4
LS
2.28
2.4
2.56
5
100
1.0
600
50
1.0
-3.5
0
Z0
BZT52C2V7
LS
2.5
2.7
2.9
5
100
1.0
600
20
1.0
-3.5
0
BZT52C3V0
LS
2.8
3.0
3.2
5
95
1.0
600
10
1.0
-3.5
0
BZT52C3V3
LS
3.1
3.3
3.5
5
95
1.0
600
5
1.0
-3.5
0
Z3
BZT52C3V6
LS
3.4
3.6
3.8
5
90
1.0
600
5
1.0
-3.5
0
BZT52C3V9
LS
3.7
3.9
4.1
5
90
1.0
600
3
1.0
-3.5
0
BZT52C4V3
LS
4.0
4.3
4.6
5
90
1.0
600
3
1.0
-3.5
0
BZT52C4V7
LS
4.4
4.7
5.0
5
80
1.0
500
3
2.0
-3.5
0.2
BZT52C5V1
LS
4.8
5.1
5.4
5
60
1.0
480
2
2.0
-2.7
1.2
BZT52C5V6
LS
5.2
5.6
6.0
5
40
1.0
400
1
2.0
-2.0
2.5
BZT52C6V2
LS
5.8
6.2
6.6
5
10
1.0
150
3
4.0
0.4
3.7
ZA
BZT52C6V8
LS
6.4
6.8
7.2
5
15
1.0
80
2
4.0
1.2
4.5
ZB
BZT52C7V5
LS
7.0
7.5
7.9
5
15
1.0
80
1
5.0
2.5
5.3
ZC
BZT52C8V2
LS
7.7
8.2
8.7
5
15
1.0
80
0.7
5.0
3.2
6.2
ZD
BZT52C9V1
LS
8.5
9.1
9.6
5
15
1.0
100
0.5
6.0
3.8
7.0
ZE
BZT52C10
LS
9.4
10
10.6
5
20
1.0
150
0.2
7.0
4.5
8.0
ZF
BZT52C11
LS
10.4
11
11.6
5
20
1.0
150
0.1
8.0
5.4
9.0
ZG
BZT52C12
LS
11.4
12
12.7
5
25
1.0
150
0.1
8.0
6.0
10.0
ZH
BZT52C13
LS
12.4
13
14.1
5
30
1.0
170
0.1
8.0
7.0
11.0
ZJ
BZT52C15
LS
13.8
15
15.6
5
30
1.0
200
0.1
10.5
9.2
13.0
ZK
BZT52C16
LS
15.3
16
17.1
5
40
1.0
200
0.1
11.2
10.4
14.0
ZL
BZT52C18
LS
16.8
18
19.1
5
45
1.0
225
0.1
12.6
12.4
16.0
ZM
BZT52C20
LS
18.8
20
21.2
5
55
1.0
225
0.1
14.0
14.4
18.0
ZN
BZT52C22
LS
20.8
22
23.3
5
55
1.0
250
0.1
15.4
16.4
20.0
ZP
BZT52C24
LS
22.8
24
25.6
5
70
1.0
250
0.1
16.8
18.4
22.0
ZR
BZT52C27
LS
25.1
27
28.9
2
80
0.5
300
0.1
18.9
21.4
25.3
ZS
BZT52C30
LS
28
30
32
2
80
0.5
300
0.1
21.0
24.4
29.4
ZT
BZT52C33
LS
31
33
35
2
80
0.5
325
0.1
23.1
27.4
33.4
ZU
BZT52C36
LS
34
36
38
2
90
0.5
350
0.1
25.2
30.4
37.4
ZV
BZT52C39
LS
37
39
41
2
130
0.5
350
0.1
27.3
33.4
41.2
ZW
www.mccsemi.com
BZT52C2V4LS THRU BZT52C39LS
2 of
4
Revision: B
2017/03/07
Micro Commercial Components
M C C
R
Z1
Z2
Z4
Z5
Z6
Z7
Z8
Z9


Similar Part No. - BZT52C11LS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52C11L3P MCC-BZT52C11L3P Datasheet
530Kb / 4P
   100 mW Zener Diode 2.7 to 39 Volts
logo
Diodes Incorporated
BZT52C11LP DIODES-BZT52C11LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Micro Commercial Compon...
BZT52C11LP MCC-BZT52C11LP Datasheet
397Kb / 4P
   250 mW Zener Diode 2.4 to 39 Volts
logo
Diodes Incorporated
BZT52C11LP DIODES-BZT52C11LP Datasheet
87Kb / 5P
   Ultra-Small Leadless Surface Mount Package Ideally Suited for Automated Assembly Processes
logo
Micro Commercial Compon...
BZT52C11LP MCC-BZT52C11LP Datasheet
450Kb / 4P
   100 mW Zener Diode 2.4 to 39 Volts
More results

Similar Description - BZT52C11LS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C5V1S-TP MCC-BZT52C5V1S-TP Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4T MCC-BZT52C2V4T Datasheet
225Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
   410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
   250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
   100 mW Zener Diode 2.4 to 39 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
   350 mW Zener Diode 2.4 to 39 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com