Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5191ACWZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5191ACWZ-T7
Description  1GHz Current Feedback Amplifier with Enable
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5191ACWZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5191ACWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5191ACWZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5191ACWZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5191ACWZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5191ACWZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5191ACWZ-T7 Datasheet HTML 12Page - Intersil Corporation EL5191ACWZ-T7 Datasheet HTML 13Page - Intersil Corporation EL5191ACWZ-T7 Datasheet HTML 14Page - Intersil Corporation EL5191ACWZ-T7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Typical Performance Curves (Continued)
Typical Performance Curves (Continued)
Positive Output Swing vs Temperature for Various
Loads
4.2
4.1
4
3.9
3.8
3.7
3.6
3.5
-40
10
60
110
160
Temperature (°C)
150
1k
Negative Output Swing vs Temperature for Various
Loads
-3.5
-3.6
-3.7
-3.9
-4
-4.1
-4.2
-40
10
60
110
160
Temperature (°C)
-3.8
150
1k
Slew Rate vs Temperature
5000
4000
3000
-40
10
60
110
160
Die Temperature (°C)
4500
3500
Output Current vs Temperature
140
135
130
125
120
115
-40
10
60
110
160
Die Temperature (°C)
AV = 2
RF = RG = 250Ω
RL = 150Ω
Source
Sink
Enable Response
20ns/div
500mV/div
5V/div
Disable Response
400ns/div
500mV/div
5V/div
EL5191, EL5191A


Similar Part No. - EL5191ACWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5191ACS INTERSIL-EL5191ACS Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5191ACS-T13 INTERSIL-EL5191ACS-T13 Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5191ACS-T7 INTERSIL-EL5191ACS-T7 Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5191ACSZ INTERSIL-EL5191ACSZ Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
EL5191ACSZ-T13 INTERSIL-EL5191ACSZ-T13 Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5191ACWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5191 INTERSIL-EL5191_07 Datasheet
440Kb / 20P
   1GHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5191C ELANTEC-EL5191C Datasheet
369Kb / 17P
   1GHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
   1GHz Triple Current Feedback Amplifier
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com