Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V9351 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT5V9351
Description  LOW VOLTAGE PLL CLOCK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V9351 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT5V9351 Datasheet HTML 1Page - Integrated Device Technology IDT5V9351 Datasheet HTML 2Page - Integrated Device Technology IDT5V9351 Datasheet HTML 3Page - Integrated Device Technology IDT5V9351 Datasheet HTML 4Page - Integrated Device Technology IDT5V9351 Datasheet HTML 5Page - Integrated Device Technology IDT5V9351 Datasheet HTML 6Page - Integrated Device Technology IDT5V9351 Datasheet HTML 7Page - Integrated Device Technology IDT5V9351 Datasheet HTML 8Page - Integrated Device Technology IDT5V9351 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INDUSTRIALTEMPERATURERANGE
IDT5V9351
LOWVOLTAGEPLLCLOCKDRIVER
1
MARCH 2003
IDT5V9351
INDUSTRIAL TEMPERATURE RANGE
LOW VOLTAGE PLL
CLOCK DRIVER
DESCRIPTION:
The IDT5V9351 is a high performance, zero delay, low skew, phase-lock
loop (PLL) clock driver. It has four banks of configurable outputs. The
IDT5V9351usesadifferentialPECLreferenceinputandanexternalfeedback
input. These features allow the IDT5V9351 to be used as a zero delay, low
skewfan-outbuffer. REF_SELallowsselectionbetweenPECLinputorTCLK,
a CMOS clock driver input.
IfPLL_ENissettolowandREF_SELtohigh,itwillbypassthePLL. Bydoing
so,theIDT5V9351willbeinclockbuffermode. AnyclockappliedtoTCLKwill
be divided down to four output banks.
When PLL_EN is set high, PLL is enabled. Any clock applied to TCLK will
be clocked in both phase and frequency to FBIN. PECL clock is activated by
settingREF_SELtolow.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2003 Integrated Device Technology, Inc.
DSC-5972/16
FEATURES:
• Fully integrated PLL
• Output frequency up to 200MHz
• 2.5V and 3.3V Compatible
• Compatible with PowerPC™, Intel, and high performance RISC
microprocessors
• Output frequency configurable
• Cycle-to-cycle jitter max. 22ps RMS
• Compatible with MPC9351
• Available in TQFP package
FUNCTIONAL BLOCK DIAGRAM
QD2
QD3
QD4
QD1
QD0
QC0
QC1
QB
QA
÷2
÷4
÷8
1
0
1
0
1
0
DQ
DQ
DQ
DQ
1
0
fSELA
fSELB
fSELC
fSELD
PECL_CLK
PECL_CLK
PLL_En
tCLK
REF_SEL
OE
FBIN
1
0
(pullup)
(pulldown)
(pulldown)
200 - 400MHz
REF
PLL
FB
1
0
(pulldown)
(pulldown)
(pullup)
(pulldown)
(pulldown)
(pulldown)
(pulldown)


Similar Part No. - IDT5V9351

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9352 IDT-IDT5V9352 Datasheet
81Kb / 10P
   3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
IDT5V9352PRI IDT-IDT5V9352PRI Datasheet
81Kb / 10P
   3.3V/2.5V PHASE-LOCK LOOP CLOCK DRIVER ZERO DELAY BUFFER
More results

Similar Description - IDT5V9351

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
   Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
   Low-Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
   Low Voltage PLL Clock Driver
2019
logo
Motorola, Inc
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC990 MOTOROLA-MPC990 Datasheet
146Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com