Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3684L15PF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V3684L15PF
Description  3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3684L15PF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V3684L15PF Datasheet HTML 2Page - Integrated Device Technology IDT72V3684L15PF Datasheet HTML 3Page - Integrated Device Technology IDT72V3684L15PF Datasheet HTML 4Page - Integrated Device Technology IDT72V3684L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72V3684L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V3684L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V3684L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V3684L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V3684L15PF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
COMMERCIALTEMPERATURERANGE
IDT72V3684/72V3694/72V36104 3.3V CMOS SyncBiFIFOTM WITH
BUS-MATCHING 16,384 x 36 x 2, 32,768 x 36 x 2 and 65, 536 x 36 x 2
6
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-
AIR TEMPERATURE RANGE (Unless otherwise noted)
Symbol
Rating
Commercial
Unit
VCC
Supply Voltage Range
–0.5 to +4.6
V
VI(2)
Input Voltage Range
–0.5 to VCC+0.5
V
VO(2)
Output Voltage Range
–0.5 to VCC+0.5
V
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
Continuous Current Through VCC or GND
±400
mA
TSTG
Storage Temperature Range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR
TEMPERATURE RANGE (Unless otherwise noted)(1)
NOTES:
1. All typical values are at VCC = 3.3V, TA = 25°C.
2. Vcc = 3.3V
± 0.15V, TA = 0° to +70°; JEDEC JESD8-A compliant
3. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS).
4. Characterized values, not currently tested.
RECOMMENDED OPERATING CONDITIONS
NOTE:
1. Vcc = 3.3V
± 0.15V, JEDEC JESD8-A compliant
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC(1)
Supply Voltage
3.15
3.3
3.45
V
VIH
High-Level Input Voltage
2
VCC+0.5
V
VIL
Low-Level Input Voltage
0.8
V
IOH
High-Level Output Current
–4
mA
IOL
Low-Level Output Current
8
mA
TA
OperatingTemperature
0
70
°C
IDT72V3684
IDT72V3694
IDT72V36104
Commercial
tCLK = 10, 15 ns(2)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOH
Output Logic "1" Voltage
VCC = 3.0V,
IOH = –4 mA
2.4
V
VOL
Output Logic "0" Voltage
VCC = 3.0V,
IOL = 8 mA
0.5
V
ILI
Input Leakage Current (Any Input)
VCC = 3.6V,
VI
= VCC or 0
±5
µA
ILO
OutputLeakageCurrent
VCC = 3.6V,
VO
= VCC or 0
±5
µA
ICC2(3)
Standby Current (with CLKA and CLKB running)
VCC = 3.6V,
VI
= VCC - 0.2V or 0
5
mA
ICC3(3)
Standby Current (no clocks running)
VCC = 3.6V,
VI
= VCC - 0.2V or 0
5
mA
CIN(4)
InputCapacitance
VI = 0,
f = 1 MHz
4
pF
COUT(4)
OutputCapacitance
VO = 0,
f = 1 MHZ
8
pF


Similar Part No. - IDT72V3684L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3680 IDT-IDT72V3680 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
logo
Renesas Technology Corp
IDT72V3680 RENESAS-IDT72V3680 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3680L10PF IDT-IDT72V3680L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3680L15PF IDT-IDT72V3680L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3680L75PF IDT-IDT72V3680L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V3684L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT72V3664 RENESAS-IDT72V3664 Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT72V3656 IDT-IDT72V3656 Datasheet
380Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com