Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLU4343 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLU4343
Description  DIGITAL AUDIO MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLU4343 Datasheet(HTML) 2 Page - International Rectifier

  IRLU4343 Datasheet HTML 1Page - International Rectifier IRLU4343 Datasheet HTML 2Page - International Rectifier IRLU4343 Datasheet HTML 3Page - International Rectifier IRLU4343 Datasheet HTML 4Page - International Rectifier IRLU4343 Datasheet HTML 5Page - International Rectifier IRLU4343 Datasheet HTML 6Page - International Rectifier IRLU4343 Datasheet HTML 7Page - International Rectifier IRLU4343 Datasheet HTML 8Page - International Rectifier IRLU4343 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
IRLR/U4343 & IRLU4343-701
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
15
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
42
50
m
–––
57
65
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-4.4
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
2.0
µA
–––
–––
25
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
8.8
–––
–––
S
Qg
Total Gate Charge
–––
28
42
Qgs
Pre-Vth Gate-to-Source Charge
–––
3.5
–––
VGS = 10V
Qgd
Gate-to-Drain Charge
–––
9.5
–––
ID = 19A
Qgodr
Gate Charge Overdrive
–––
15
–––
See Fig. 6 and 19
td(on)
Turn-On Delay Time
–––
5.7
–––
tr
Rise Time
–––
19
–––
td(off)
Turn-Off Delay Time
–––
23
–––
ns
tf
Fall Time
–––
5.3
–––
Ciss
Input Capacitance
–––
740
–––
Coss
Output Capacitance
–––
150
–––
pF
Crss
Reverse Transfer Capacitance
–––
59
–––
Coss
Effective Output Capacitance
–––
250
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
i
A
EAR
Repetitive Avalanche Energy
i
mJ
Diode Characteristics
Parameter
Min.
Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
–––
–––
26
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
80
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
52
78
ns
Qrr
Reverse Recovery Charge
–––
100
150
nC
VDS = 25V, ID = 19A
VDS = 44V
VDD = 28V, VGS = 10V
e
integral reverse
ƒ = 1.0MHz,
See Fig.5
ID = 19A
RG = 2.5Ω
VGS = 0V, VDS = 0V to -44V
MOSFET symbol
showing the
See Fig. 14, 15, 17a, 17b
Typ.
–––
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 4.7A
e
TJ = 25°C, IS = 19A, VGS = 0V
e
TJ = 25°C, IF = 19A
di/dt = 100A/µs
e
VGS = 0V
Conditions
p-n junction diode.
VDS = 50V
and center of die contact
f
Max.
160
VDS = 55V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 4.5V, ID = 3.8A
e
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V


Similar Part No. - IRLU4343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU4343-701PBF IRF-IRLU4343-701PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRLU4343PBF IRF-IRLU4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
More results

Similar Description - IRLU4343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com